Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3408 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 1 Page - Analog Devices

  ADP3408 Datasheet HTML 1Page - Analog Devices ADP3408 Datasheet HTML 2Page - Analog Devices ADP3408 Datasheet HTML 3Page - Analog Devices ADP3408 Datasheet HTML 4Page - Analog Devices ADP3408 Datasheet HTML 5Page - Analog Devices ADP3408 Datasheet HTML 6Page - Analog Devices ADP3408 Datasheet HTML 7Page - Analog Devices ADP3408 Datasheet HTML 8Page - Analog Devices ADP3408 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADP3408
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
GSM Power Management System
FUNCTIONAL BLOCK DIAGRAM
ADP3408
27
26
BATTERY
CHARGE
CONTROLLER
POWER-UP
SEQUENCING
AND
PROTECTION
LOGIC
SIM
LDO
DIGITAL
CORE LDO
ANALOG
LDO
TCXO
LDO
MEMORY
LDO
RTC
LDO
REF
BUFFER
BATTERY
CHARGE
DIVIDER
VBAT
VBAT2 VRTCIN
PWRONKEY
ROWX
PWRONIN
TCXOEN
SIMEN
RESCAP
CHRDET
EOC
CHGEN
GATEIN
BATSNS
ISENSE
GATEDR
CHRIN
VSIM
VCORE
VAN
VTCXO
VMEM
VRTC
REFOUT
RESET
MVBAT
DGND
AGND
FEATURES
Handles all GSM Baseband Power Management
Six LDOs Optimized for Specific GSM Subsystems
Li-Ion and NiMH Battery Charge Function
Optimized for the AD20msp430 Baseband Chipset
APPLICATIONS
GSM/DCS/PCS/CDMA Handsets
GENERAL DESCRIPTION
The ADP3408 is a multifunction power system chip optimized
for GSM handsets, especially those based on the Analog
Devices AD20msp430 system solution. It contains six LDOs,
one to power each of the critical GSM sub-blocks. Sophisticated
controls are available for power-up during battery charging,
keypad interface, and RTC alarm. The charge circuit maintains
low current charging during the initial charge phase and provides
an end-of-charge signal when a Li-Ion battery is being charged.
The ADP3408 is specified over the temperature range of –20
°C to
+85
°C and is available in narrow body TSSOP-28 pin package.


Similar Part No. - ADP3408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
GSM Power Management System
REV. A
More results

Similar Description - ADP3408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
GSM Power Management System
REV.0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
GSM Power Management System
REV.0
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
GSM Power Management System
REV.0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
GSM Power Management System
REV.0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
GSM Power-Management System
logo
Analog Devices
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
GSM Power Management System
REV. 0
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
GSM Power Management System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com