Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3413 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3413
Description  Dual Bootstrapped MOSFET Driver with Output Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3413 Datasheet(HTML) 8 Page - Analog Devices

  ADP3413 Datasheet HTML 1Page - Analog Devices ADP3413 Datasheet HTML 2Page - Analog Devices ADP3413 Datasheet HTML 3Page - Analog Devices ADP3413 Datasheet HTML 4Page - Analog Devices ADP3413 Datasheet HTML 5Page - Analog Devices ADP3413 Datasheet HTML 6Page - Analog Devices ADP3413 Datasheet HTML 7Page - Analog Devices ADP3413 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. 0
–8–
ADP3413
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Small Outline Package
(R-8A)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
0.0196 (0.50)
0.0099 (0.25)
45
8
0
0.102 (2.59)
0.094 (2.39)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
85
4
1
0.1968 (5.00)
0.1890 (4.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.2440 (6.20)
0.2284 (5.80)
IN
VCC
BST
DRVH
SW
DRVL
PGND
8
7
6
5
1
2
3
4
U2
ADP3413
OD
D1
MBR052LTI
R4
5m
R7
20
C26
4.7 F
C15
C14
C13
C12
VIN
5V
VINRTN
1000 F
6
RUBYCON ZA SERIES
12V VCC
12V
VCCRTN
C24
C25
+
+
+
+
+
+
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VID4
VCC
U1
ADP3160
VID3
VID2
VID1
VID0
COMP
FB
CT
REF
CS–
PWM1
PWM2
CS+
PWR
GND
IN
VCC
BST
DRVH
SW
DRVL
PGND
8
7
6
5
1
2
3
4
U3
ADP3413
OD
Q1
FDB7030L
Q3
FDB7030L
Q2
FDB7045L
L2
600nH
C11 C16 C17 C18 C19 C20 C27 C28
+
+
VCC(CORE)
1.1V – 1.85V
45A
VCC(CORE)
RTN
1000 F
8
RUBYCON ZA SERIES
24m
ESR (EACH)
L1
600nH
Q4
FDB7045L
C5
1 F
C9
1 F
R5
2.4k
Z1
ZMM5236BCT
Q5
2N3904
C22
1nF
C4
4.7 F
R6
10
C21
15nF
C6
1 F
C10
1 F
D2
MBR052LTI
FROM
CPU
RZ
750
C1
150pF
COC
4.7nF
RB
14.0k
R1
1k
C2
100pF
RA
6.98k
C29
10 F
C30
10 F
Figure 5. 45 A Athlon Duron CPU Supply Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com