Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF30GL Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GF30GL
Description  Super Low VF Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GF30GL Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GF30GL Datasheet HTML 1Page - Zowie Technology Corporation GF30GL Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(200V~1000V / 3.0A)
GF30DL THRU GF30ML
Super Low VF Rectifier Diode
*
Compliance to RoHS product
* GPRC (glass passivated rectifier chip) inside
* Glass passivated cavity-free junction
* Ideal for surface mount automotive applications
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
2009/06
REV. 1
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
GF30DL
200
GF30GL
400
GF30JL
600
GF30KL
800
GF30ML
1000
V
IF(AV)
IFSM
A
Tj
TSTG
140
125
-65 to +175
-65 to +175
ITEM
Average forward current
Symbol
Unit
Peak forward surge current (8.3ms single half sine-wave)
Operating junction temperature Range
Rating
3.0
Repetitive peak reverse voltage
Storage temperature Range
oC
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Type
Min.
Typ.
Max.
Unit
-
47
-
Rth(JA)
Junction to ambient *
Thermal resistance
oC/W
-
13
-
Rth(JL)
Junction to lead *
pF
-
40
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.08
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
VF
IF = 3.0
V
-
0.88
0.91
Forward voltage
* General purpose rectification of
power supplies and inverters.
* Surge absorption.
APPLICATION
Case : DO-214AA molded plastic
Terminals : Tin Plated, solderable per MIL-STD-750, Method 2026.
Polarity : Color band denotes cathode end
Weight : 0.12 gram
MECHANICAL DATA
* Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0mm x 5.0mm) copper pad areas.
7" (178mm ± 2mm) reel :
PACKING
* 850 pieces per reel
* 4 reels per box
* 6 boxes per carton
* 3,000 pieces per reel
* 2 reels per box
* 5 boxes per carton
13" (330mm ± 2mm) reel :
Cathode mark
Zowie logo
Standard
Series code
Voltage class
Low VF
S
30DL
Amps class
Unit : mm
Case : DO-214AA
OUTLINE DIMENSIONS
MARKING
JEDEC : DO-214AA
SMB
4.50 ± 0.26
2.05 ± 0.15
2.22 ± 0.20
1.20 ± 0.20
5.50 ± 0.50
0.28 ± 0.12
IFSM = 140Amp
VF < 0.91V @IF = 3A
Voltage class : D = 200V, G = 400V, J = 600V
K = 800V, M = 1000V
GF30DL
GF20GL
GF30JL
-
0.89
0.92
GF30KL
GF30ML


Similar Part No. - GF30GL

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF30GLH ZOWIE-GF30GLH Datasheet
64Kb / 2P
Super Low VF Rectifier Diode
More results

Similar Description - GF30GL

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GC10DLH ZOWIE-GC10DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
BGC20DLH ZOWIE-BGC20DLH_11 Datasheet
77Kb / 2P
Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH_10 Datasheet
65Kb / 2P
Low VF Rectifier Diode
GF10DL ZOWIE-GF10DL Datasheet
213Kb / 2P
Super Low VF Rectifier Diode
GF10DLH ZOWIE-GF10DLH Datasheet
66Kb / 2P
Super Low VF Rectifier Diode
GF20DL ZOWIE-GF20DL Datasheet
63Kb / 2P
Super Low VF Rectifier Diode
GF20DLH ZOWIE-GF20DLH Datasheet
64Kb / 2P
Super Low VF Rectifier Diode
GF30DLH ZOWIE-GF30DLH Datasheet
64Kb / 2P
Super Low VF Rectifier Diode
GP20DL ZOWIE-GP20DL Datasheet
61Kb / 2P
Low VF Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com