Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC2317N Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC2317N
Description  Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2317N Datasheet(HTML) 2 Page - IXYS Corporation

  CPC2317N Datasheet HTML 1Page - IXYS Corporation CPC2317N Datasheet HTML 2Page - IXYS Corporation CPC2317N Datasheet HTML 3Page - IXYS Corporation CPC2317N Datasheet HTML 4Page - IXYS Corporation CPC2317N Datasheet HTML 5Page - IXYS Corporation CPC2317N Datasheet HTML 6Page - IXYS Corporation CPC2317N Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
CPC2317N
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25°C
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Total Power Dissipation 1
600
mW
Isolation Voltage, Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Soldering Temperature (10 Seconds)
260
°C
1 Derate linearly 5mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Normally Open (Form-A) Continuous 1
I
F=1mA
I
L
-
-
120
mA
rms / mADC
Normally Closed (Form-B) Continuous 1
I
F=0mA
Peak
t =10ms
I
LPK
-
-
±350
mA
P
On-Resistance 2
I
L=120mA
R
ON
--
16
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
3
ms
Turn-Off
t
off
--
3
Off-State Leakage Current
V
L=60VP
I
LEAK
--
1
µA
Output Capacitance
Normally Open (Form-A)
I
F=0mA, VL=50V, f=1MHz
C
OUT
-25
-
pF
Normally Closed (Form-B)
I
F=5mA, VL=50V, f=1MHz
Input Characteristics
Input Control Current to Activate 3
I
L=100mA
I
F
-
0.40
1
mA
Input Control Current to Deactivate
-
I
F
0.1
0.35
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Capacitance, Input to Output
-
-
-
1
-
pF
1
Load current derates linearly from 120mA @ 25oC to 60mA @ 85oC, and must be derated for both poles operating simultaneously.
2
Measurement taken within 1 second of on-time.
3
For applications requiring high temperature operation (greater than 60oC) a LED drive current of 3mA is recommended.
Electrical Characteristics @ 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com