Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3701CTR Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC3701CTR
Description  60V, Depletion-Mode, N-Channel Vertical DMOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3701CTR Datasheet(HTML) 4 Page - IXYS Corporation

  CPC3701CTR Datasheet HTML 1Page - IXYS Corporation CPC3701CTR Datasheet HTML 2Page - IXYS Corporation CPC3701CTR Datasheet HTML 3Page - IXYS Corporation CPC3701CTR Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
INTEGRATED CIRCUITS DIVISION
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC3701-R03
©Copyright 2012, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
12/18/2012
For additional information please visit our website at: www.ixysic.com
4
CPC3701
MECHANICAL DIMENSIONS
CPC3701C
CPC3701CTR Tape & Reel
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
2.286 / 2.591
(0.090 / 0.102)
3.937 / 4.242
(0.155 / 0.167)
1.397 / 1.600
(0.055 / 0.063)
0.356 / 0.432
(0.014 / 0.017)
1.626 / 1.829
(0.064 / 0.072)
R 0.254
(R 0.010)
0.889 / 1.194
(0.035 / 0.047)
0.356 / 0.483
(0.014 / 0.019)
0.432 / 0.559
(0.017 / 0.022)
4.394 / 4.597
(0.173 / 0.181)
1.422 / 1.575
(0.056 / 0.062)
2.921 / 3.073
(0.115 / 0.121)
0.60
(0.024)
TYP 3
1.40
(0.055)
2.45
(0.096)
1.90
(0.075)
1.90
(0.074)
45º
5.00
(0.197)
50º
PCB Land Pattern
Pin 1
Dimensions
mm
(inches)
Embossment
Embossed
Carrier
177.8 Dia
(7.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
W=12.00 ± 0.3
(0.472 ± 0.012)
B
0=4.60 ± 0.1
(0.181 ± 0.004)
A
0=4.80 ± 0.1
(0.189 ± 0.004)
P=8.00 ± 0.1
(0.315 ± 0.004)
K
0=1.80 ± 0.1
(0.071 ± 0.004)
2.00 ± 0.05
(0.079 ± 0.002)
4.00 ± 0.1
(0.157 ± 0.004)
1.75 ± 0.1
(0.069 ± 0.004)
5.50 ± 0.05
(0.217 ± 0.002)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com