Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0473003.MAT1L Datasheet(PDF) 3 Page - Littelfuse

Part # 0473003.MAT1L
Description  Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0473003.MAT1L Datasheet(HTML) 3 Page - Littelfuse

  0473003.MAT1L Datasheet HTML 1Page - Littelfuse 0473003.MAT1L Datasheet HTML 2Page - Littelfuse 0473003.MAT1L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
473 Series
Please refer to www.littelfuse.com/series/473.html for current information.
PICO® ll > Slo-Blo® > 473 Series
Materials
Solder Coated Copper wire leads;
Copper wire leads
Solderability
Lead Pull Force
Operating
Temperature
º
Shock
Product Characteristics
Vibration
Salt Spray
Condition B
Insulation Resistance
(After Opening):
Resistance to Soldering
Heat
Thermal Shock
Moisture Resistance
F
L 1 A
F
L 1 A
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
473 series markings
0.64 (.025")
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
3.43 (.135")
MAX
Dimensions
Part Numbering System
0473 xxxx Y R T1 L
RoHS + HF
Lead Length
Type of Packaging
Quantity
Current Rating
Series
T1: 52.4mm (2.062”)*
R = Reel
A = Ammo Pack
X = Loose Pack
Y = 4000
P = 2000
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table
Packaging
Packaging Option
Packaging Specification
Quantity &
Packaging Code
EIA 296



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com