Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7232 Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC7232
Description  8-Channel HV Analog Switch with Built-in Bleeder Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7232 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC7232_12 Datasheet HTML 6Page - IXYS Corporation CPC7232_12 Datasheet HTML 7Page - IXYS Corporation CPC7232_12 Datasheet HTML 8Page - IXYS Corporation CPC7232_12 Datasheet HTML 9Page - IXYS Corporation CPC7232_12 Datasheet HTML 10Page - IXYS Corporation CPC7232_12 Datasheet HTML 11Page - IXYS Corporation CPC7232_12 Datasheet HTML 12Page - IXYS Corporation CPC7232_12 Datasheet HTML 13Page - IXYS Corporation CPC7232_12 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC7232
R00J
PRELIMINARY
11
2.2 Logic Timing Waveforms
D
N-1
D
N
D
N+1
50%
50%
50%
50%
D
IN
LE
t
WLE
t
SD
50%
50%
CLK
t
SU
t
H
t
DO
50%
D
OUT
t
OFF
t
ON
90%
10%
OFF
ON
CL
50%
50%
t
WCL
V
OUT
(TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com