Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7581BA Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7581BA
Description  Line Card Access Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7581BA Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7581BA Datasheet HTML 1Page - IXYS Corporation CPC7581BA Datasheet HTML 2Page - IXYS Corporation CPC7581BA Datasheet HTML 3Page - IXYS Corporation CPC7581BA Datasheet HTML 4Page - IXYS Corporation CPC7581BA Datasheet HTML 5Page - IXYS Corporation CPC7581BA Datasheet HTML 6Page - IXYS Corporation CPC7581BA Datasheet HTML 7Page - IXYS Corporation CPC7581BA Datasheet HTML 8Page - IXYS Corporation CPC7581BA Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7581-R06
www.ixysic.com
1
Not for New Designs
Features
Low, Matched R
ON
Eliminates the Need for Zero-Cross Switching
5V Operation With Power Consumption < 10 mW
Flexible Switch Timing for Transition from Ringing
Mode to Idle/Talk Mode
Clean, Bounce-Free Switching
Tertiary Protection Consisting of Integrated Current
Limiting, Thermal Shutdown for SLIC Protection
Intelligent Battery Monitor
Latched Logic-Level Inputs, No External Drive
Circuitry Required
SOIC Package Pin-Compatible With Legerity
Product
Small 16-pin SOIC Package
Monolithic IC reliability
Applications
Central Office (CO)
Digital Loop Carrier (DLC)
PBX Systems
Digitally Added Main Line (DAML)
Hybrid Fiber Coax (HFC)
Fiber in the Loop (FITL)
Pair Gain System
Channel Banks
Description
The CPC7581 is a monolithic solid-state four-pole
switch in a 16-pin package. It provides the necessary
functions to replace a 2-Form-C electromechanical
relay on traditional analog and integrated voice and
data (IVD) line cards found in central office, access, and
PBX equipment. The CPC7581 contains solid-state
switches for tip and ring lead line break and ringing
injection/ringing return. The device requires only a +5 V
supply, and offers break-before-make and
make-before-break operation using logic-level inputs.
The CPC7581BA versions include an SCR that
provides protection to the SLIC and subsequent
circuitry during a fault condition.
Ordering Information
Figure 1. CPC7581 Block Diagram
Part #
Description
CPC7581BA
16-Pin SOIC, with Protection SCR, 50/Tube
CPC7581BATR
16-Pin SOIC, with Protection SCR, 1000/Reel
CPC7581BB
16-Pin SOIC, without Protection SCR, 50/Tube
CPC7581BBTR
16-Pin SOIC, without Protection SCR, 1000/Reel
CPC7581
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
RINGING
T
SD
LATCH
3
6
14
2
7
8
9
16
1
12
15
10
11
L
A
T
C
H
Switch
Control
Logic
SCR and
Trip Circuit
CPC7581BA)
Secondary
Protection
+5 Vdc
Tip
Ring
SLIC
X
X
X
X
SW2
SW4
V
BAT
RINGING
300
(min.)
Ω
T
RING
SW3
SW1
e3
Pb
CPC7581
Line Card Access Switch


Similar Part No. - CPC7581BA

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581BA CLARE-CPC7581BA Datasheet
122Kb / 12P
Line Card Access Switch
logo
IXYS Corporation
CPC7581BA IXYS-CPC7581BA Datasheet
218Kb / 15P
Clean, Bounce-Free Switching
logo
Clare, Inc.
CPC7581BA-TR CLARE-CPC7581BA-TR Datasheet
122Kb / 12P
Line Card Access Switch
CPC7581BATR CLARE-CPC7581BATR Datasheet
532Kb / 17P
Line Card Access Switch
logo
IXYS Corporation
CPC7581BATR IXYS-CPC7581BATR Datasheet
218Kb / 15P
Clean, Bounce-Free Switching
More results

Similar Description - CPC7581BA

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com