Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7581BATR Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC7581BATR
Description  Line Card Access Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7581BATR Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC7581BATR Datasheet HTML 7Page - IXYS Corporation CPC7581BATR Datasheet HTML 8Page - IXYS Corporation CPC7581BATR Datasheet HTML 9Page - IXYS Corporation CPC7581BATR Datasheet HTML 10Page - IXYS Corporation CPC7581BATR Datasheet HTML 11Page - IXYS Corporation CPC7581BATR Datasheet HTML 12Page - IXYS Corporation CPC7581BATR Datasheet HTML 13Page - IXYS Corporation CPC7581BATR Datasheet HTML 14Page - IXYS Corporation CPC7581BATR Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7581
R06
www.ixysic.com
13
Specifications” on page 9) of the SCR must be less
negative than the battery reference voltage. If the
battery voltage is less negative than the SCR on
voltage, or if the VBAT supply is unable to source the
trigger current, the SCR will not crowbar.
For power induction or power-cross fault conditions,
the positive cycle of the transient is clamped to a diode
drop above ground and the fault current directed to
ground. The negative cycle of the transient will cause
the SCR to conduct when the voltage exceeds the
battery reference voltage by two to four volts, steering
the current to ground.
Note: The CPC7581xB does not contain the
protection SCR.
2.8.2
Current Limiting function
If a lightning strike transient occurs when the device in
the talk state, the current is passed along the line to
the integrated protection circuitry and limited by the
dynamic current limit response of break switches SW1
and SW2. When a 1000V 10x1000
s pulse
(GR-1089-CORE lightning) is applied to the line
though a properly clamped external protector, the
current seen through the break switches will be a
pulse with a typical magnitude of 2.5 A and a duration
of less than 0.5
s.
If a power-cross fault occurs with the device in the talk
state, the current is passed though the break switches
SW1 and SW2 on to the integrated protection circuit
and is limited by the dynamic DC current limit
response of the two break switches. The DC current
limit, specified over temperature, is between 80 mA
and 425 mA, and the circuitry has a negative
temperature coefficient. As a result, if the device is
subjected to extended heating due to power cross
fault, the measured current through the break switches
(SW1 and SW2) will decrease as the device
temperature increases. If the device temperature rises
sufficiently, the temperature shutdown mechanism will
activate and the device will enter the all-off state.
2.9 External Protection Elements
The CPC7581 requires only overvoltage secondary
protection on the loop side of the device. The
integrated protection feature described above negates
the need for protection on the other (usually SLIC)
side. The secondary protector limits voltage transients
to levels that do not exceed the breakdown voltage or
input-output isolation barrier of the CPC7581. A
foldback or crowbar type protector is recommended to
minimize stresses on the device.
Consult IXYS Integrated Circuits Division’s application
note, AN-100, “Designing Surge and Power Fault
Protection Circuits for Solid State Subscriber
Line Interfaces” for equations related to the
specifications of external secondary protectors, fused
resistors and PTCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com