Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7583BA Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7583BA
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7583BA Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7583BA Datasheet HTML 1Page - IXYS Corporation CPC7583BA Datasheet HTML 2Page - IXYS Corporation CPC7583BA Datasheet HTML 3Page - IXYS Corporation CPC7583BA Datasheet HTML 4Page - IXYS Corporation CPC7583BA Datasheet HTML 5Page - IXYS Corporation CPC7583BA Datasheet HTML 6Page - IXYS Corporation CPC7583BA Datasheet HTML 7Page - IXYS Corporation CPC7583BA Datasheet HTML 8Page - IXYS Corporation CPC7583BA Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7583
R07
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pinout Description
T
BAT
F
GND
D
GND
T
TESTin
IN
TESTin
R
T
TESTout
IN
TESTout
R
TESTout
T
LINE
T
RINGING
V
DD
T
NC
NC
NC
NC
NC
NC
NC
NC
NC
SD
V
BAT
R
BAT
TESTin
R
LINE
R
RINGING
LATCH
IN
RINGING
27
26
25
24
23
22
21
20
19
18
17
16
15
28
1
3
4
5
6
7
8
2
9
10
11
12
13
14
Pin#
Name
Description
1
FGND
Fault ground.
2
NC
No connection.
3
NC
No connection.
4
NC
No connection.
5
TTESTin Tip lead of the TESTin bus.
6
TBAT
Tip lead of the SLIC.
7
TLINE
Tip lead of the line side.
8
TRINGING Ringing generator return.
9
NC
Not connected.
10
TTESTout Tip lead of the TESTout bus.
11
NC
No connection.
12
VDD
+5 V supply.
13
TSD
Temperature shutdown pin.
14
DGND
Digital ground.
15
INTESTout Logic control input.
16
INRINGING Logic control input.
17
INTESTin Logic control input.
18
LATCH
Data latch enable control input.
19
RTESTout Ring lead of the TESTout bus.
20
RRINGING Ringing generator source.
21
NC
No connection.
22
RLINE
Ring lead of the line side.
23
RBAT
Ring lead of the SLIC.
24
RTESTin Ring lead of the TESTin bus.
25
NC
No connection.
26
NC
No connection.
27
NC
No connection.
28
VBAT
Battery supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com