Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7583BATR Datasheet(PDF) 17 Page - IXYS Corporation

Part # CPC7583BATR
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7583BATR Datasheet(HTML) 17 Page - IXYS Corporation

Back Button CPC7583BATR Datasheet HTML 11Page - IXYS Corporation CPC7583BATR Datasheet HTML 12Page - IXYS Corporation CPC7583BATR Datasheet HTML 13Page - IXYS Corporation CPC7583BATR Datasheet HTML 14Page - IXYS Corporation CPC7583BATR Datasheet HTML 15Page - IXYS Corporation CPC7583BATR Datasheet HTML 16Page - IXYS Corporation CPC7583BATR Datasheet HTML 17Page - IXYS Corporation CPC7583BATR Datasheet HTML 18Page - IXYS Corporation CPC7583BATR Datasheet HTML 19Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7583
R07
www.ixysic.com
17
For power induction or power-cross fault conditions,
the positive cycle of the transient is clamped to a diode
drop above ground and the fault current directed to
ground. The negative cycle of the transient will cause
the SCR to conduct when the voltage exceeds the
VBAT reference voltage by two to four volts, steering
the fault current to ground.
2.9.2 Current Limiting function
If a lightning strike transient occurs when the device is
in the talk state, the current is passed along the line to
the integrated protection circuitry and restricted by the
dynamic current limit response of the active switches.
During the talk state when a 1000V 10x1000
S pulse
(GR-1089-CORE lightning) is applied to the line
though a properly clamped external protector, the
current into TLINE or RLINE will be a pulse with a typical
magnitude of 2.5 A and a duration of less than 0.5
s.
If a power-cross fault occurs with the device in the talk
state, the current is passed though break switches
SW1 and SW2 on to the integrated protection circuit
and is limited by the dynamic DC current limit
response of the two break switches. The DC current
limit, specified over temperature, is between 80 mA
and 425 mA, and the circuitry has a negative
temperature coefficient. As a result, if the device is
subjected to extended heating due to power cross
fault, the measured current at TLINE or RLINE will
decrease as the device temperature increases. If the
device temperature rises sufficiently, the temperature
shutdown mechanism will activate and the device will
enter the all-off state.
2.10 Temperature Shutdown
The thermal shutdown mechanism will activate when
the device temperature reaches a minimum of 110° C,
placing the device in the all-off state regardless of
logic input. During thermal shutdown mode, the
voltage out of the TSD pin will read 0 V. Normal output
of TSD is VDD.
If presented with a short duration transient such as a
lightning event, the thermal shutdown feature will
typically not activate. But in an extended power-cross
transient, the device temperature will rise and the
thermal shutdown will activate forcing the switches to
the all-off state. At this point the current measured into
TLINE or RLINE will drop to zero. Once the device
enters thermal shutdown it will remain in the all-off
state until the temperature of the device drops below
the deactivation level of the thermal shutdown circuit.
This will permit the device to return to normal
operation. If the transient has not passed, current will
flow up to the value allowed by the dynamic DC
current limiting of the switches and heating will begin
again, reactivating the thermal shutdown mechanism.
This cycle of entering and exiting the thermal
shutdown mode will continue as long as the fault
condition persists. If the magnitude of the fault
condition is great enough, the external secondary
protector could activate and shunt all current to
ground.
2.11 External Protection Elements
The CPC7583 requires only over-voltage secondary
protection on the loop side of the device. The
integrated protection feature described above negates
the need for additional protection on the SLIC side.
The secondary protector must limit voltage transients
to levels that do not exceed the breakdown voltage or
input-output isolation barrier of the CPC7583. A
foldback or crowbar type protector is recommended to
minimize stresses on the CPC7583.
Consult IXYS Integrated Circuits Division’s application
note, AN-100, “Designing Surge and Power Fault
Protection Circuits for Solid State Subscriber
Line Interfaces” for equations related to the
specifications of external secondary protectors, fused
resistors and PTCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com