Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7591BATR Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7591BATR
Description  Line Card Access Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7591BATR Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7591BATR Datasheet HTML 1Page - IXYS Corporation CPC7591BATR Datasheet HTML 2Page - IXYS Corporation CPC7591BATR Datasheet HTML 3Page - IXYS Corporation CPC7591BATR Datasheet HTML 4Page - IXYS Corporation CPC7591BATR Datasheet HTML 5Page - IXYS Corporation CPC7591BATR Datasheet HTML 6Page - IXYS Corporation CPC7591BATR Datasheet HTML 7Page - IXYS Corporation CPC7591BATR Datasheet HTML 8Page - IXYS Corporation CPC7591BATR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7591
R06
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pinout
CPC7591
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
T
BAT
F
GND
T
LINE
NC
NC
T
RINGING
V
DD
T
SD
V
BAT
R
BAT
R
LINE
NC
R
RINGING
LATCH
IN
RINGING
D
GND
Pin
Name
Description
1
FGND
Fault ground.
2
TBAT
Tip lead to the SLIC.
3
TLINE
Tip lead of the line side.
4
NC
No connection.
5
NC
No connection.
6
TRINGING Ringing generator return.
7
VDD
+5 V supply.
8
TSD
Temperature shutdown pin.
9
DGND
Digital ground.
10
INRINGING Logic control input.
11
LATCH
Data latch enable control input.
12
RRINGING Ringing generator source.
13
NC
No connection.
14
RLINE
Ring lead of the line side.
15
RBAT
Ring lead to the SLIC.
16
VBAT
Battery supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com