Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMP3XK3S-J Datasheet(PDF) 39 Page - ITT Industries

Part # DAMMP3XK3S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP3XK3S-J Datasheet(HTML) 39 Page - ITT Industries

Back Button DAMMP3XK3S-J Datasheet HTML 35Page - ITT Industries DAMMP3XK3S-J Datasheet HTML 36Page - ITT Industries DAMMP3XK3S-J Datasheet HTML 37Page - ITT Industries DAMMP3XK3S-J Datasheet HTML 38Page - ITT Industries DAMMP3XK3S-J Datasheet HTML 39Page - ITT Industries DAMMP3XK3S-J Datasheet HTML 40Page - ITT Industries DAMMP3XK3S-J Datasheet HTML 41Page - ITT Industries DAMMP3XK3S-J Datasheet HTML 42Page - ITT Industries DAMMP3XK3S-J Datasheet HTML 43Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
C-39
Grommet D
GD*
Test Data
GD* connectors meet all applicable requirements of MIL-C-24308. The following are exerpts from ITT Cannon Test Can-
non Test Report C82-78 applicable to environmental D-Subminiature GD* series connectors. Refer to MIL-C- 24308 Test
Extracts on page 385.
Test
Test
Description
Method
Results
Moisture Resistant
MIL-STD-1344
1. No deterioration of performance.
Method 1002.1 Type II
2. Insulation resistance greater than 100 megaohms.
3. No evidence of flashover or breakdown during 1000 VAC
DWV testing.
Fluid Immersion
20 hours immersion in hydraulic
1. No detrimental damage.
fluid per MIL-L-23699.
2. Able to meet requirements of mating and
unmating test.
Immersion
Two hours immersion in tap water
While still immersed, the mated connectors exceeded
at a depth of 36.00 (914.40) in
100 megaohm insulator resistance and exhibited no
mated condition, per MIL-STD 810, evidence of breakdown or flashover during 1000 VAC
Method 512, Procedure 1.
(RMS) DWV testing.
Design Features
CLOSED ENTRY
SOCKET
BONDING
BONDING
SEALING PLUG
(OPTIONAL)
SEALING PLUG
(OPTIONAL)
SHELL
FRONT
SHELL
FRONT
PIN
CONTACT
INTERFACIAL
SEAL
INSULATOR
INSULATOR
CONTACT
RETAINING
CLIP
CONTACT
RETAINING
CLIP
SHELL
REAR
SHELL
REAR
GROMMET
GROMMET
Socket Connector
Pin Connector
• Resilient silicone grommets for wire sealing
• Interfacial seals
• Closed-entry socket contacts
• Bonded components to prevent moisture
• Uses M39029 type contacts and termination tool-
ing
• Intermateable with most M24308 type connectors
• Rear-release crimp contacts
• LITTLE CAESAR® contact retention assembly
• Optional sealing plugs, ITT Cannon part number
Note: Crimp Contacts: See page C-13
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com