Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAB110P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IAB110P
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IAB110P Datasheet(HTML) 4 Page - IXYS Corporation

  IAB110P Datasheet HTML 1Page - IXYS Corporation IAB110P Datasheet HTML 2Page - IXYS Corporation IAB110P Datasheet HTML 3Page - IXYS Corporation IAB110P Datasheet HTML 4Page - IXYS Corporation IAB110P Datasheet HTML 5Page - IXYS Corporation IAB110P Datasheet HTML 6Page - IXYS Corporation IAB110P Datasheet HTML 7Page - IXYS Corporation IAB110P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
IAB110P
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
1-Form-A
Turn-On Time vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
1-Form-A
Typical Turn-On Time vs. Temperature
(I
L=100mADC)
Temperature (ºC)
I
F=5mA
I
F=10mA
I
F=20mA
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
1-Form-A
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
1-Form-A
Turn-Off Time vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
1-Form-A
Typical Turn-Off Time vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
1-Form-A
Typical I
F for Switch Dropout
vs. Temperature
(I
L=100mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
1-Form-A
Typical On-Resistance vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
1-Form-A
Maximum Load Current
vs. Temperature
Temperature (ºC)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
I
F=20mA
I
F=10mA
I
F=5mA
1-Form-A
Typical Load Current vs. Load Voltage
(I
F=5mA, TA=25ºC)
Load Voltage (V)
100
80
60
40
20
0
-20
-40
-60
-80
-100
-2.5 -2
-1 -0.5
-1.5
0
1
1.5
0.5
2
2.5
1-Form-A
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
430
425
420
415
410
405
400
395
-20
0
20
40
60
80
100
1-FORM-A RELAY PERFORMANCE DATA (cont.)*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com