Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITC117PL Datasheet(PDF) 2 Page - IXYS Corporation

Part # ITC117PL
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ITC117PL Datasheet(HTML) 2 Page - IXYS Corporation

  ITC117PL Datasheet HTML 1Page - IXYS Corporation ITC117PL Datasheet HTML 2Page - IXYS Corporation ITC117PL Datasheet HTML 3Page - IXYS Corporation ITC117PL Datasheet HTML 4Page - IXYS Corporation ITC117PL Datasheet HTML 5Page - IXYS Corporation ITC117PL Datasheet HTML 6Page - IXYS Corporation ITC117PL Datasheet HTML 7Page - IXYS Corporation ITC117PL Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
ITC117PL
Total Power Dissipation (PD):
P
D=PHOOKSWITCH + PBRIDGE + PDARLINGTON + PLED
P
D=(RDS(on)) (I
2
L) + 2(VF)(IL) + (VCE)(IL) + (VLED)(IF)
WHERE:
R
DS(on)
= Maximum relay on-resistance
I
L
= Maximum loop current
V
F
= Maximum diode forward voltage
V
CE
= Maximum voltage collector to emitter
V
LED
= Maximum LED forward voltage
I
F
= Maximum LED current
Parameter
Ratings
Units
Input Control Current, Relay
50
mA
Input Control Current, Detector
100
mA
Total Package Dissipation 1
1W
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 8.33 mW / ºC
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @25ºC: Relay Section
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Blocking Voltage (Peak)
-
V
L
-
-
350
V
P
Load Current, Continuous
-
I
L
-
-
120
mA
rms / mADC
On-Resistance
I
L=120mA
R
ON
--
20
Off-State Leakage Current
V
L=350VP , TJ=25ºC
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
5
ms
Turn-Off
t
off
--
3
ms
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-25
-
pF
Current Limit
I
F=5mA
I
CL
190
235
280
mA
Input Characteristics
Input Control Current to Activate
I
L=120mA
I
F
--
5
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
--
10
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com