Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2184 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP2184
Description  DSP Microcomputer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2184 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP2184 Datasheet HTML 6Page - Analog Devices ADSP2184 Datasheet HTML 7Page - Analog Devices ADSP2184 Datasheet HTML 8Page - Analog Devices ADSP2184 Datasheet HTML 9Page - Analog Devices ADSP2184 Datasheet HTML 10Page - Analog Devices ADSP2184 Datasheet HTML 11Page - Analog Devices ADSP2184 Datasheet HTML 12Page - Analog Devices ADSP2184 Datasheet HTML 13Page - Analog Devices ADSP2184 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADSP-2184
–10–
REV. 0
Bootstrap Loading (Booting)
The ADSP-2184 has two mechanisms to allow automatic load-
ing of the internal program memory after reset. The method for
booting is controlled by the Mode A, B and C configuration bits
as shown in Table VI. These four states can be compressed into
two-state bits by allowing an IDMA boot with Mode C = 1.
However, three bits are used to ensure future compatibility with
parts containing internal program memory ROM.
BDMA Booting
When the MODE pins specify BDMA booting, the ADSP-2184
initiates a BDMA boot sequence when
RESET is released.
Table VI. Boot Summary Table
MODE C MODE B MODE A Booting Method
0
0
0
BDMA feature is used to load
the first 32 program memory
words from the byte memory
space. Program execution is
held off until all 32 words have
been loaded. Chip is config-
ured in Full Memory Mode.
0
1
0
No Automatic boot operations
occur. Program execution
starts at external memory
location 0. Chip is configured
in Full Memory Mode. BDMA
can still be used but the pro-
cessor does not automatically
use or wait for these operations.
1
0
0
BDMA feature is used to load
the first 32 program memory
words from the byte memory
space. Program execution is
held off until all 32 words have
been loaded. Chip is config-
ured in Host Mode. Additional
interface hardware is required.
1
0
1
IDMA feature is used to load
any internal memory as de-
sired. Program execution is
held off until internal program
memory location 0 is written
to. Chip is configured in Host
Mode.
The BDMA interface is set up during reset to the following de-
faults when BDMA booting is specified: the BDIR, BMPAGE,
BIAD and BEAD registers are set to 0; the BTYPE register is
set to 0 to specify program memory 24-bit words; and the
BWCOUNT register is set to 32. This causes 32 words of on-
chip program memory to be loaded from byte memory. These
32 words are used to set up the BDMA to load in the remaining
program code. The BCR bit is also set to 1, which causes pro-
gram execution to be held off until all 32 words are loaded into
on-chip program memory. Execution then begins at address 0.
The IDLE instruction can also be used to allow the processor to
hold off execution while booting continues through the BDMA
interface. For BDMA accesses while in Host Mode, the ad-
dresses to boot memory must be constructed externally to the
ADSP-2184. The only memory address bit provided by the
processor is A0.
IDMA Port Booting
The ADSP-2184 can also boot programs through its Internal
DMA port. If Mode C = 1, Mode B = 0, and Mode A = 1, the
ADSP-2184 boots from the IDMA port. The IDMA feature can
load as much on-chip memory as desired. Program execution is
held off until on-chip program memory location 0 is written to.
Bus Request and Bus Grant
The ADSP-2184 can relinquish control of the data and address
buses to an external device. When the external device requires
access to memory, it asserts the bus request (
BR) signal. If the
ADSP-2184 is not performing an external memory access, it
responds to the active BR input in the following processor cycle
by:
• Three-stating the data and address buses and the
PMS, DMS,
BMS, CMS, IOMS, RD, WR output drivers,
• Asserting the bus grant (
BG) signal, and
• Halting program execution.
If Go Mode is enabled, the ADSP-2184 will not halt program
execution until it encounters an instruction that requires an
external memory access.
If the ADSP-2184 is performing an external memory access
when the external device asserts the
BR signal, it will not three-
state the memory interfaces or assert the
BG signal until the
processor cycle after the access completes. The instruction does
not need to be completed when the bus is granted. If a single
instruction requires two external memory accesses, the bus will
be granted between the two accesses.
When the
BR signal is released, the processor releases the BG
signal, reenables the output drivers and continues program
execution from the point at which it stopped.
The bus request feature operates at all times, including when
the processor is booting and when
RESET is active.
The
BGH pin is asserted when the ADSP-2184 is ready to
execute an instruction but is stopped because the external bus is
already granted to another device. The other device can release
the bus by deasserting bus request. Once the bus is released, the
ADSP-2184 deasserts
BG and BGH and executes the external
memory access.
Flag I/O Pins
The ADSP-2184 has eight general purpose programmable input/
output flag pins. They are controlled by two memory mapped
registers. The PFTYPE register determines the direction,
1 = output and 0 = input. The PFDATA register is used to read
and write the values on the pins. Data being read from a pin
configured as an input is synchronized to the ADSP-2184’s
clock. Bits that are programmed as outputs will read the value
being output. The PF pins default to input during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com