Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA100STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # LAA100STR
Description  Dual Single-Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA100STR Datasheet(HTML) 1 Page - IXYS Corporation

  LAA100STR Datasheet HTML 1Page - IXYS Corporation LAA100STR Datasheet HTML 2Page - IXYS Corporation LAA100STR Datasheet HTML 3Page - IXYS Corporation LAA100STR Datasheet HTML 4Page - IXYS Corporation LAA100STR Datasheet HTML 5Page - IXYS Corporation LAA100STR Datasheet HTML 6Page - IXYS Corporation LAA100STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA100-R02
1
LAA100
Dual Single-Pole
OptoMOS® Relays
e3
Pb
Part #
Description
LAA100
8 Pin DIP (50/Tube)
LAA100P
8-Pin Flatpack (50/Tube)
LAA100PTR
8-Pin Flatpack (1000/Reel)
LAA100S
8-Pin Surface Mount (50/Tube)
LAA100STR
8-Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
25
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook,
Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-Pin DIP Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
The LAA100 is a 350V, 120mA, dual single-pole,
normally open (1-Form-A) relay featuring low, 25
,
maximum on-resistance.
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
• EN/IEC 60950 Compliant
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
AC/DC Configuration


Similar Part No. - LAA100STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA100STR CLARE-LAA100STR Datasheet
116Kb / 7P
DUAL POLE OptoMOS Relay
logo
Littelfuse
LAA100STR LITTELFUSE-LAA100STR Datasheet
225Kb / 7P
Normally Open Relays
11/18/2025
More results

Similar Description - LAA100STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
PAA190 CLARE-PAA190 Datasheet
182Kb / 6P
Dual Single Pole OptoMOS Relays
PAA191 CLARE-PAA191 Datasheet
253Kb / 6P
Dual Single Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
PAA132 IXYS-PAA132 Datasheet
131Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
PAA110L IXYS-PAA110L Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com