Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2184 Datasheet(PDF) 13 Page - Analog Devices

Part # 2184
Description  DSP Microcomputer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

2184 Datasheet(HTML) 13 Page - Analog Devices

Back Button 2184 Datasheet HTML 9Page - Analog Devices 2184 Datasheet HTML 10Page - Analog Devices 2184 Datasheet HTML 11Page - Analog Devices 2184 Datasheet HTML 12Page - Analog Devices 2184 Datasheet HTML 13Page - Analog Devices 2184 Datasheet HTML 14Page - Analog Devices 2184 Datasheet HTML 15Page - Analog Devices 2184 Datasheet HTML 16Page - Analog Devices 2184 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
–13–
ADSP-2184
REV. 0
RECOMMENDED OPERATING CONDITIONS
B Grade
Parameter
Min
Max
Unit
VDD
4.5
5.5
V
TAMB
–40
+85
°C
ELECTRICAL CHARACTERISTICS
B Grade
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
Hi-Level Input Voltage1, 2
@ VDD = max
2.0
V
VIH
Hi-Level CLKIN Voltage
@ VDD = max
2.2
V
VIL
Lo-Level Input Voltage1, 3
@ VDD = min
0.8
V
VOH
Hi-Level Output Voltage1, 4, 5
@ VDD = min
IOH = –0.5 mA
2.4
V
@ VDD = min
IOH = –100 µA
6
VDD – 0.3
V
VOL
Lo-Level Output Voltage1, 4, 5
@ VDD = min
IOL = 2 mA
0.4
V
IIH
Hi-Level Input Current3
@ VDD = max
VIN = VDD max
10
µA
IIL
Lo-Level Input Current3
@ VDD = max
VIN = 0 V
10
µA
IOZH
Three-State Leakage Current7
@ VDD = max
VIN = VDD max
8
10
µA
IOZL
Three-State Leakage Current7
@ VDD = max
VIN = 0 V
8, t
CK = 25 ns
10
µA
IDD
Supply Current (Idle)9
@ VDD = 5.0
14
mA
IDD
Supply Current (Dynamic)10, 11
@ VDD = 5.0
TAMB = +25°C
tCK = 25 ns
60
mA
CI
Input Pin Capacitance3, 6, 12
@ VIN = 2.5 V,
fIN = 1.0 MHz,
8
pF
TAMB = +25°C
CO
Output Pin Capacitance6, 7, 12, 13
@ VIN = 2.5 V,
fIN = 1.0 MHz,
TAMB = +25°C8
pF
NOTES
1 Bidirectional pins: D0–D23, RFS0, RFS1, SCLK0, SCLK1, TFS0, TFS1, A1–A13, PF0–PF7.
2 Input only pins:
RESET, BR, DR0, DR1, PWD.
3 Input only pins: CLKIN,
RESET, BR, DR0, DR1, PWD.
4 Output pins:
BG, PMS, DMS, BMS, IOMS, CMS, RD, WR, PWDACK, A0, DT0, DT1, CLKOUT, FL2-0, BGH.
5 Although specified for TTL outputs, all ADSP-2184 outputs are CMOS-compatible and will drive to V
DD and GND, assuming no dc loads.
6 Guaranteed but not tested.
7 Three-statable pins: A0–A13, D0–D23,
PMS, DMS, BMS, IOMS, CMS, RD, WR, DT0, DT1, SCLK0, SCLK1, TFS0, TFS1, RFS0, RSF1, PF0–PF7.
8 0 V on
BR.
9 Idle refers to ADSP-2184 state of operation during execution of IDLE instruction. Deasserted pins are driven to either V
DD or GND.
10 I
DD measurement taken with all instructions executing from internal memory. 50% of the instructions are multifunction (types 1, 4, 5, 12, 13, 14), 30% are type 2
and type 6, and 20% are idle instructions.
11 V
IN = 0 V and 3 V. For typical figures for supply currents, refer to Power Dissipation section.
12 Applies to LQFP package type.
13 Output pin capacitance is the capacitive load for any three-stated output pin.
Specifications subject to change without notice.
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com