Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA108STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # LAA108STR
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA108STR Datasheet(HTML) 3 Page - IXYS Corporation

  LAA108STR Datasheet HTML 1Page - IXYS Corporation LAA108STR Datasheet HTML 2Page - IXYS Corporation LAA108STR Datasheet HTML 3Page - IXYS Corporation LAA108STR Datasheet HTML 4Page - IXYS Corporation LAA108STR Datasheet HTML 5Page - IXYS Corporation LAA108STR Datasheet HTML 6Page - IXYS Corporation LAA108STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LAA108
www.ixysic.com
3
R04
PERFORMANCE DATA@ 25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.26
1.27
1.28
1.29
1.30
1.31
0
5
10
15
20
25
30
LED Forward Voltage Distribution
(I
F=5mA)
Turn-On Time (ms)
0.135 0.150 0.165 0.180 0.195 0.210 0.225
0
5
10
15
20
Turn-On Time Distribution
(I
F=5mA, IL=200mA)
Turn-Off Time (ms)
0.34
0.38
0.42
0.46
0.50
0.54
0.58
0
5
10
15
20
25
Turn-Off Time Distribution
(I
F=5mA, IL=200mA)
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0
5
10
15
20
LED Current to Operate Distribution
(I
L=100mA)
LED Current to Operate (mA)
On-Resistance ( )
4.46
4.48
4.50
4.52
4.54
4.56
4.58
0
5
10
15
20
On-Resistance Distribution
(I
F=2mA, IL=200mA)
Blocking Voltage (V
P)
139
140
141
142
143
144
0
5
10
15
20
25
Blocking Voltage Distribution
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Temperature (ºC)
LED Forward Voltage vs. Temperature
I
F=20mA
I
F=50mA
I
F=5mA
I
F=10mA
I
F=2mA
LED Forward Current (mA)
0
1020
304050
0
0.1
0.2
0.3
0.4
0.5
Turn-On Time vs. LED Forward Current
(I
L=80mA)
LED Forward Current (mA)
0
1020
304050
0.425
0.430
0.435
0.440
0.445
0.450
Turn-Off Time vs. LED Forward Current
(I
L=80mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
LED Current to Operate
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.14
0.16
0.18
0.20
0.22
0.24
0.26
Turn-On Time vs. Temperature
(I
F=5mA, IL=80mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
Turn-Off Time vs. Temperature
(I
F=5mA, IL=80mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com