Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA110STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # LAA110STR
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA110STR Datasheet(HTML) 3 Page - IXYS Corporation

  LAA110STR Datasheet HTML 1Page - IXYS Corporation LAA110STR Datasheet HTML 2Page - IXYS Corporation LAA110STR Datasheet HTML 3Page - IXYS Corporation LAA110STR Datasheet HTML 4Page - IXYS Corporation LAA110STR Datasheet HTML 5Page - IXYS Corporation LAA110STR Datasheet HTML 6Page - IXYS Corporation LAA110STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LAA110
www.ixysic.com
3
R11
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
0.56
0.74
0.92
1.1
0.65
0.83
1.01
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mADC)
0.04
0.12
0.20
0.28
0.24
0.16
0.08
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mADC)
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=120mADC)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
Typical I
F for Switch Dropout
(N=50, I
L=120mADC)
35
30
25
20
15
10
5
0
On-Resistance ( )
22.9
23.3
23.7
24.1
24.5
24.9
25.3
Typical On-Resistance Distribution
(N=50, I
L=120mADC)
35
30
25
20
15
10
5
0
420
430
440
450
425
435
445
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=10mA
I
F=5mA
Typical LED Forward Voltage Drop
vs. Temperature
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-On vs. LED Forward Current
(I
L=50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Typical Turn-Off vs. LED Forward Current
(I
L=50mADC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com