Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA120LS Datasheet(PDF) 1 Page - IXYS Corporation

Part # LAA120LS
Description  Dual Current-Limited, Single Pole OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA120LS Datasheet(HTML) 1 Page - IXYS Corporation

  LAA120LS Datasheet HTML 1Page - IXYS Corporation LAA120LS Datasheet HTML 2Page - IXYS Corporation LAA120LS Datasheet HTML 3Page - IXYS Corporation LAA120LS Datasheet HTML 4Page - IXYS Corporation LAA120LS Datasheet HTML 5Page - IXYS Corporation LAA120LS Datasheet HTML 6Page - IXYS Corporation LAA120LS Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA120L-R05
1
LAA120L
Dual Current-Limited,
Single Pole OptoMOS® Relay
e3
Pb
Part #
Description
LAA120L
8-Pin DIP (50/Tube)
LAA120LS
8-Pin Surface Mount (50/Tube)
LAA120LSTR
8-Pin Surface Mount (1,000/Reel)
LAA120PL
8-Pin Flat Pack (50/Tube)
LAA120PLTR
8-Pin Flat Pack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
25
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
Two Current Limited Relays in One Package
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 8-Pin Package
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
LAA120L is a dual normally open (1-Form-A) Solid
State Relay that has two independently controlled,
optically coupled MOSFET switches with an additional
current limiting circuit. The MOSFET switches and
photovoltaic die employ optically coupled MOSFET
technology to provide 3750V
rms of input/output
isolation.
The optically coupled outputs, that use patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This dual switch OptoMOS relay provides a more
compact design solution than discrete single-pole
relays in a variety of applications and saves board
space by incorporating both switches in a single 8-Pin
package.
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
UL Certified Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 006


Similar Part No. - LAA120LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA120LS CLARE-LAA120LS Datasheet
147Kb / 7P
DUAL POLE OptoMOS Relay
logo
Littelfuse
LAA120LS LITTELFUSE-LAA120LS Datasheet
221Kb / 7P
Current Limiting, Normally Open Relays
11/18/2025
logo
Clare, Inc.
LAA120LSTR CLARE-LAA120LSTR Datasheet
147Kb / 7P
DUAL POLE OptoMOS Relay
logo
Littelfuse
LAA120LSTR LITTELFUSE-LAA120LSTR Datasheet
221Kb / 7P
Current Limiting, Normally Open Relays
11/18/2025
More results

Similar Description - LAA120LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LAA110L IXYS-LAA110L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Current-Limited OptoMOS Relay
LBA110L IXYS-LBA110L_12 Datasheet
149Kb / 9P
Dual Single-Pole, Combination OptoMOS Relay
LBA120 IXYS-LBA120_12 Datasheet
151Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA120L IXYS-LBA120L_12 Datasheet
140Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA126 IXYS-LBA126_12 Datasheet
152Kb / 9P
Dual Single-Pole OptoMOS Relay
LBA126L IXYS-LBA126L_12 Datasheet
107Kb / 5P
Dual Single-Pole OptoMOS Relay
LBA127 IXYS-LBA127_12 Datasheet
145Kb / 8P
Dual Single-Pole, Combination OptoMOS Relay
LBA127L IXYS-LBA127L_12 Datasheet
135Kb / 8P
Dual Single-Pole, Combination OptoMOS Relay
PBA150 IXYS-PBA150 Datasheet
107Kb / 5P
Dual Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com