Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA125STR Datasheet(PDF) 4 Page - IXYS Corporation

Part # LAA125STR
Description  Dual Single-Pole, Normally Open OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA125STR Datasheet(HTML) 4 Page - IXYS Corporation

  LAA125STR Datasheet HTML 1Page - IXYS Corporation LAA125STR Datasheet HTML 2Page - IXYS Corporation LAA125STR Datasheet HTML 3Page - IXYS Corporation LAA125STR Datasheet HTML 4Page - IXYS Corporation LAA125STR Datasheet HTML 5Page - IXYS Corporation LAA125STR Datasheet HTML 6Page - IXYS Corporation LAA125STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R06
LAA125
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical On-Resistance vs. Temperature
(I
L=170mADC)
Temperature (ºC)
-40
20
18
16
14
12
10
0
-20
0
20406080
100
120
I
F=5mA
I
F=10mA
I
F=5mA
I
F=10mA
I
F=5mA
Single Pole
Dual Pole
Instantaneous
Typical Turn-On Time
vs. Temperature
(I
L=80mADC)
Temperature (ºC)
I
F=5mA
I
F=10mA
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical Turn-Off Time
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
I
F=5mA
Typical I
F for Switch Operation
vs. Temperature
(I
L=170mA)
Temperature (ºC)
-40
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
(I
L=170mADC)
Temperature (ºC)
-40
1.7
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Typical Load Current vs. Load Voltage
(I
F=5mA)
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.0
-1.5 -1.25 -0.625
0
0.625 1.25 1.875 3.0
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
340
335
330
325
320
315
310
305
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured across Pins 5&6 or 7&8
Temperature (ºC)
-40
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
Energy Rating Curve
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10 s
1ms
100ms
10s
100 s
10ms
1s
100s
Maximum Load Current
vs. Temperature
Temperature (ºC)
200
175
150
125
100
75
0
-40
-20
0
20
40
60
80
120
100
I
F=5mA
I
F=10mA
I
F=5mA
I
F=10mA
Single Pole
Dual Pole



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com