Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA125LS Datasheet(PDF) 1 Page - IXYS Corporation

Part # LAA125LS
Description  Dual Single Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA125LS Datasheet(HTML) 1 Page - IXYS Corporation

  LAA125LS Datasheet HTML 1Page - IXYS Corporation LAA125LS Datasheet HTML 2Page - IXYS Corporation LAA125LS Datasheet HTML 3Page - IXYS Corporation LAA125LS Datasheet HTML 4Page - IXYS Corporation LAA125LS Datasheet HTML 5Page - IXYS Corporation LAA125LS Datasheet HTML 6Page - IXYS Corporation LAA125LS Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA125L-R11
1
LAA125L
Dual Single Pole
OptoMOS® Relays
e3
Pb
Part #
Description
LAA125L
8 Pin DIP (50/Tube)
LAA125LS
8 Pin Surface Mount (50/Tube)
LAA125LSTR
8 Pin Surface Mount (1,000/Reel)
LAA125PL
8 Pin Flat Pack (50/Tube)
LAA125PLTR
8 Pin Flat Pack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
18
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• Current Limiting
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 8 Pin Packages
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
• Flammability classification rating: V-0
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment-Patient/Equipment Isolation
• Meters (Watt-Hour, Water, Gas)
• Security
• Aerospace
• Industrial Controls
LAA125L is a dual normally open (1-Form-A) Solid
State Relay that has two independently controlled,
optically coupled MOSFET switches with an
additional current limiting circuit. The optically coupled
combination of MOSFET switches and photovoltaic die
provide 3750V
rms of input/output isolation.
The optically coupled outputs, which use patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This dual switch OptoMOS relay provides a more
compact design solution than discrete single-pole
relays in a variety of applications, and saves board
space by incorporating both switches in a single 8-Pin
package.
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate #1175739
• EN/IEC 60950 Compliant
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
AC/DC Configuration
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - LAA125LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA125LS CLARE-LAA125LS Datasheet
1Mb / 6P
Single Pole OptoMOS Relays
LAA125LSTR CLARE-LAA125LSTR Datasheet
1Mb / 6P
Single Pole OptoMOS Relays
More results

Similar Description - LAA125LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
PAA190 CLARE-PAA190 Datasheet
182Kb / 6P
Dual Single Pole OptoMOS Relays
PAA191 CLARE-PAA191 Datasheet
253Kb / 6P
Dual Single Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA100 IXYS-LAA100_12 Datasheet
133Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA132 IXYS-PAA132 Datasheet
131Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
PAA110L IXYS-PAA110L Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com