Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP1N06 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MLP1N06
Description  VOLTAGE CLAMPED CURRENT LIMITING MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MLP1N06 Datasheet(HTML) 2 Page - Motorola, Inc

  MLP1N06 Datasheet HTML 1Page - Motorola, Inc MLP1N06 Datasheet HTML 2Page - Motorola, Inc MLP1N06 Datasheet HTML 3Page - Motorola, Inc MLP1N06 Datasheet HTML 4Page - Motorola, Inc MLP1N06 Datasheet HTML 5Page - Motorola, Inc MLP1N06 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MLP1N06CL
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Sustaining Voltage (Internally Clamped)
(ID = 20 mA, VGS = 0)
(ID = 20 mA, VGS = 0, TJ = 150°C)
V(BR)DSS
59
59
62
62
65
65
Vdc
Zero Gate Voltage Drain Current
(VDS = 45 V, VGS = 0)
(VDS = 45 V, VGS = 0, TJ = 150°C)
IDSS
—
—
0.6
6.0
5.0
20
µAdc
Gate–Body Leakage Current
(VG = 5.0 V, VDS = 0)
(VG = 5.0 V, VDS = 0, TJ = 150°C)
IGSS
—
—
0.5
1.0
5.0
20
µAdc
ON CHARACTERISTICS*
Gate Threshold Voltage
(ID = 250 µA, VDS = VGS)
(ID = 250 µA, VDS = VGS, TJ = 150°C)
VGS(th)
1.0
0.6
1.5
—
2.0
1.6
Vdc
Static Drain–to–Source On–Resistance
(ID = 1.0 A, VGS = 4.0 V)
(ID = 1.0 A, VGS = 5.0 V)
(ID = 1.0 A, VGS = 4.0 V, TJ = 150°C)
(ID = 1.0 A, VGS = 5.0 V, TJ = 150°C)
RDS(on)
—
—
—
—
0.63
0.59
1.1
1.0
0.75
0.75
1.9
1.8
Ohms
Forward Transconductance (ID = 1.0 A, VDS = 10 V)
gFS
1.0
1.4
—
mhos
Static Source–to–Drain Diode Voltage (IS = 1.0 A, VGS = 0)
VSD
—
1.1
1.5
Vdc
Static Drain Current Limit
(VGS = 5.0 V, VDS = 10 V)
(VGS = 5.0 V, VDS = 10 V, TJ = 150°C)
ID(lim)
2.0
1.1
2.3
1.3
2.75
1.8
A
RESISTIVE SWITCHING CHARACTERISTICS*
Turn–On Delay Time
(VDD = 25 V, ID = 1.0 A,
VGS = 5.0 V, RG = 50 Ohms)
td(on)
—
1.2
2.0
µs
Rise Time
(VDD = 25 V, ID = 1.0 A,
VGS = 5.0 V, RG = 50 Ohms)
tr
—
4.0
6.0
Turn–Off Delay Time
(VDD = 25 V, ID = 1.0 A,
VGS = 5.0 V, RG = 50 Ohms)
td(off)
—
4.0
6.0
Fall Time
tf
—
3.0
5.0
* Indicates Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.
Figure 1. Output Characteristics
2
4
6
8
4
1
0
3
2
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
10 V
8 V
4 V
VGS = 3 V
0
6 V
Figure 2. Transfer Function
–50
°C
0
2
4
6
8
4
1
0
3
2
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
25
°C
VDS ≥ 7.5 V
TJ = 150°C
TJ = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com