Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA127LS Datasheet(PDF) 1 Page - IXYS Corporation

Part # LAA127LS
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA127LS Datasheet(HTML) 1 Page - IXYS Corporation

  LAA127LS Datasheet HTML 1Page - IXYS Corporation LAA127LS Datasheet HTML 2Page - IXYS Corporation LAA127LS Datasheet HTML 3Page - IXYS Corporation LAA127LS Datasheet HTML 4Page - IXYS Corporation LAA127LS Datasheet HTML 5Page - IXYS Corporation LAA127LS Datasheet HTML 6Page - IXYS Corporation LAA127LS Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA127L-R04
1
LAA127L
Dual Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
LAA127L
8-Pin DIP (50/Tube)
LAA127LS
8-Pin Surface Mount (50/Tube)
LAA127LSTR
8-Pin Surface Mount (1,000/Reel)
LAA127PL
8-Pin Flatpack (50/Tube)
LAA127PLTR
8-Pin Flatpack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Load Current
170
mA
rms / mADC
On-Resistance (max)
10
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• Current Limiting Device
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Versions Available
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
LAA127L is a dual single-pole, normally open
(1-Form-A) current-limited Solid State Relay. The
combination of super efficient MOSFET switches and
photovoltaic die provides 3750V
rms of input to output
isolation.
The optically coupled outputs, which use the
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED.
Dual single-pole OptoMOS relays provide a more
compact design solution than two discrete single-pole
relays in a variety of applications, and save board
space by incorporating both switches in a single 8-pin
package.


Similar Part No. - LAA127LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA127LS CLARE-LAA127LS Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
LAA127LSTR CLARE-LAA127LSTR Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
More results

Similar Description - LAA127LS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA108 IXYS-LAA108 Datasheet
136Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA110 IXYS-LAA110_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA127 IXYS-LAA127_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com