Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA710 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LAA710
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA710 Datasheet(HTML) 1 Page - IXYS Corporation

  LAA710 Datasheet HTML 1Page - IXYS Corporation LAA710 Datasheet HTML 2Page - IXYS Corporation LAA710 Datasheet HTML 3Page - IXYS Corporation LAA710 Datasheet HTML 4Page - IXYS Corporation LAA710 Datasheet HTML 5Page - IXYS Corporation LAA710 Datasheet HTML 6Page - IXYS Corporation LAA710 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LAA710-R03
1
LAA710
Dual Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
LAA710
8-Pin DIP (50/Tube)
LAA710S
8-Pin Surface Mount (50/Tube)
LAA710STR
8-Pin Surface Mount (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Load Current
1
A
rms / ADC
On-Resistance (max)
0.5
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Versions Available
• Telecommunications
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
LAA710 is a dual normally open (1-Form-A) Solid
State Relay that comprises two independently
controlled, optically coupled MOSFET switches. The
combination of super efficient MOSFET switches and
photovoltaic die provides 3750V
rms of input to output
isolation.
The optically coupled outputs, which use the
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED.
Dual OptoMOS relay provides a more compact design
solution than discrete single-pole relays in a variety of
applications, and saves board space by incorporating
both switches in a single 8-pin package.


Similar Part No. - LAA710

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
Dual Pole OptoMOS Relays
logo
Littelfuse
LAA710 LITTELFUSE-LAA710 Datasheet
202Kb / 7P
60V, 1A Dual Single-Pole
11/18/2025
logo
Clare, Inc.
LAA710S CLARE-LAA710S Datasheet
181Kb / 6P
Dual Pole OptoMOS Relays
logo
Littelfuse
LAA710S LITTELFUSE-LAA710S Datasheet
202Kb / 7P
60V, 1A Dual Single-Pole
11/18/2025
logo
Clare, Inc.
LAA710STR CLARE-LAA710STR Datasheet
181Kb / 6P
Dual Pole OptoMOS Relays
More results

Similar Description - LAA710

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA108 IXYS-LAA108 Datasheet
136Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA110 IXYS-LAA110_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA127 IXYS-LAA127_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com