Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA110S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LBA110S
Description  Dual Pole OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA110S Datasheet(HTML) 1 Page - IXYS Corporation

  LBA110S Datasheet HTML 1Page - IXYS Corporation LBA110S Datasheet HTML 2Page - IXYS Corporation LBA110S Datasheet HTML 3Page - IXYS Corporation LBA110S Datasheet HTML 4Page - IXYS Corporation LBA110S Datasheet HTML 5Page - IXYS Corporation LBA110S Datasheet HTML 6Page - IXYS Corporation LBA110S Datasheet HTML 7Page - IXYS Corporation LBA110S Datasheet HTML 8Page - IXYS Corporation LBA110S Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
LBA110
Dual Pole OptoMOS® Relay
www.ixysic.com
DS-LBA110-R09
1
Part #
Description
LBA110
8-Pin DIP (50/Tube)
LBA110S
8-Pin Surface Mount (50/Tube)
LBA110STR
8-Pin Surface Mount (1,000/Reel)
LBA110P
8-Pin Flat Pack (50/Tube)
LBA110PTR
8-Pin Flat Pack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
35
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
• 3750V
rms Input/Output Isolation
• 100% Solid State
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
LBA110 comprises two independent 350V, 120mA,
35
 solid state relays: one single-pole, normally
open (1-Form-A) relay and one single-pole, normally
closed (1-Form-B) relay.
LBA110 is designed to provide an ideal solution
where a complementary Form-A/Form-B relay pair is
required.
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component
TUV Certificate B 09 07 49410 004
e3
Pb
Switching Characteristics of
Normally Closed Devices
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Switching Characteristics of
Normally Open Devices
1
2
3
4
8
7
6
5
+ Control - Normally Closed
– Control - Normally Closed
+ Control - Normally Open
– Control - Normally Open
Normally Closed Pole
Normally Open Pole


Similar Part No. - LBA110S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LBA110S CLARE-LBA110S Datasheet
126Kb / 8P
DUAL POLE OptoMOS Relay
LBA110STR CLARE-LBA110STR Datasheet
126Kb / 8P
DUAL POLE OptoMOS Relay
More results

Similar Description - LBA110S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
Dual Pole OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
DUAL POLE OptoMOS Relay
LBA120 CLARE-LBA120 Datasheet
125Kb / 8P
DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
DUAL POLE OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
DUAL POLE OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com