Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA110STR Datasheet(PDF) 4 Page - IXYS Corporation

Part # LBA110STR
Description  Dual Pole OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA110STR Datasheet(HTML) 4 Page - IXYS Corporation

  LBA110STR Datasheet HTML 1Page - IXYS Corporation LBA110STR Datasheet HTML 2Page - IXYS Corporation LBA110STR Datasheet HTML 3Page - IXYS Corporation LBA110STR Datasheet HTML 4Page - IXYS Corporation LBA110STR Datasheet HTML 5Page - IXYS Corporation LBA110STR Datasheet HTML 6Page - IXYS Corporation LBA110STR Datasheet HTML 7Page - IXYS Corporation LBA110STR Datasheet HTML 8Page - IXYS Corporation LBA110STR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R09
LBA110
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Form-A PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
LED Forward Current (mA)
0
5
1015202530354045
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Form-A
Typical Turn-On Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.220
0.215
0.210
0.205
0.200
0.195
0.190
0.185
0.180
0
50
Form-A
Typical Turn-Off Time
vs. LED Forward Current
(I
L=120mADC)
-40
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Form-A
Typical I
F for Switch Operation
vs. Temperature
(I
L=120mADC)
-40
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Form-A
Typical I
F for Switch Dropout
vs. Temperature
(I
L=120mADC)
-40
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Temperature (ºC)
Form-A
Typical Turn-On Time
vs. Temperature
(I
L=120mADC)
I
F=5mA
I
F=10mA
I
F=20mA
-40
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
Temperature (ºC)
Form-A
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=120mADC)
Temperature (ºC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Form-A
Typical On-Resistance vs. Temperature
(I
F=5mA, IL=120mADC)
-4
-3
-1
-2
0
1
2
3
4
Load Voltage (V)
150
100
50
0
-50
-100
-150
Form-A
Typical Load Current vs. Load Voltage
(I
F=5mA)
-40
480
470
460
450
440
430
420
-20
0
20
40
60
80
100
Temperature (ºC)
Form-A
Typical Blocking Voltage
vs. Temperature
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Form-A
Typical Leakage vs. Temperature
Measured Across Pins 5&6
Temperature (ºC)
Time
10μs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100μs
100ms
1s
10ms
10s
100s
Energy Rating Curve
180
160
140
120
100
80
60
40
20
0
Form-A
Maximum Load Current
vs. Temperature
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=20mA
I
F=10mA
I
F=5mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com