Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA110L Datasheet(PDF) 4 Page - IXYS Corporation

Part # LBA110L
Description  Dual Single-Pole, Combination OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA110L Datasheet(HTML) 4 Page - IXYS Corporation

  LBA110L Datasheet HTML 1Page - IXYS Corporation LBA110L Datasheet HTML 2Page - IXYS Corporation LBA110L Datasheet HTML 3Page - IXYS Corporation LBA110L Datasheet HTML 4Page - IXYS Corporation LBA110L Datasheet HTML 5Page - IXYS Corporation LBA110L Datasheet HTML 6Page - IXYS Corporation LBA110L Datasheet HTML 7Page - IXYS Corporation LBA110L Datasheet HTML 8Page - IXYS Corporation LBA110L Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R06
LBA110L
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Form-A PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
FormA
Typical Turn-On Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
0.10
50
Form-A
Typical Turn-Off Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.092
0.090
0.088
0.086
0.084
0.082
0.080
0.078
0.076
0.074
50
Form-A
Typical On-Resistance vs. Temperature
(I
F=5mA, IL=120mADC)
Temperature (ºC)
-40
20
18
16
14
12
10
8
-20
0
20
40
60
80
100
Form-A
Typical Turn-On Time
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
-20
0
20
40
60
80
100
I
F=20mA
I
F=5mA
I
F=10mA
Form-A
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=120mADC)
Temperature (ºC)
-40
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
Form-A
Typical I
F for Switch Operation
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Form-A
Typical I
F for Switch Dropout
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Form-A
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
400
395
390
385
380
375
370
365
360
355
-20
0
20
40
60
80
100
Form-A
Typical Load Current vs. Load Voltage
(I
F=5mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.0
-1.5
-0.5
-1.0
0
0.5
1.0
1.5
2.0
Form-A
Typical Current Limiting Characteristics
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
250
200
150
100
50
0
-20
0
20
40
60
80
100
Form A
Maximum Load Current
vs. Temperature
Temperature (ºC)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
I
F=20mA
I
F=10mA
I
F=5mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com