Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA110PL Datasheet(PDF) 3 Page - IXYS Corporation

Part # LBA110PL
Description  Dual Single-Pole, Combination OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA110PL Datasheet(HTML) 3 Page - IXYS Corporation

  LBA110PL Datasheet HTML 1Page - IXYS Corporation LBA110PL Datasheet HTML 2Page - IXYS Corporation LBA110PL Datasheet HTML 3Page - IXYS Corporation LBA110PL Datasheet HTML 4Page - IXYS Corporation LBA110PL Datasheet HTML 5Page - IXYS Corporation LBA110PL Datasheet HTML 6Page - IXYS Corporation LBA110PL Datasheet HTML 7Page - IXYS Corporation LBA110PL Datasheet HTML 8Page - IXYS Corporation LBA110PL Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
LBA110L
www.ixysic.com
3
R06
Form-A/Form-B PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Form-A RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=30mA
I
F=20mA
I
F=10mA
I
F=5mA
Typical Leakage vs. Temperature
Measured Across Pins 5&6 or 7&8
Temperature (ºC)
-40
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Form-A
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mADC)
0.15
0.35
0.65
0.25
0.45
Turn-On Time (ms)
25
20
15
10
5
0
0.55
Form-A
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mADC)
0.03
0.13
0.23
0.18
0.08
Turn-Off Time (ms)
25
20
15
10
5
0
Form-A
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=120mADC)
35
30
25
20
15
10
5
0
15.8
16.4
17.0
17.6
16.1
16.7
17.3
On-Resistance ( )
Form-A
Typical I
F for Switch Operation
(N=50, I
L=120mADC)
0.5
0.9
1.3
0.7
1.1
1.5
LED Current (mA)
25
20
15
10
5
0
Form-A
Typical I
F for Switch Dropout
(N=50, I
L=120mADC)
25
20
15
10
5
0
0.45
1.05
1.65
0.15
0.75
1.35
1.95
LED Current (mA)
Form-A
Typical Blocking Voltage Distribution
(N=50)
35
30
25
20
15
10
5
0
376.8
379.8
382.8
385.8
378.3
381.3
384.3
Blocking Voltage (V
P)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com