Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA716STR Datasheet(PDF) 4 Page - IXYS Corporation

Part # LBA716STR
Description  Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA716STR Datasheet(HTML) 4 Page - IXYS Corporation

  LBA716STR Datasheet HTML 1Page - IXYS Corporation LBA716STR Datasheet HTML 2Page - IXYS Corporation LBA716STR Datasheet HTML 3Page - IXYS Corporation LBA716STR Datasheet HTML 4Page - IXYS Corporation LBA716STR Datasheet HTML 5Page - IXYS Corporation LBA716STR Datasheet HTML 6Page - IXYS Corporation LBA716STR Datasheet HTML 7Page - IXYS Corporation LBA716STR Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
LBA716
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Voltage (V)
-0.20 -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 0.20
-1.0
-0.5
0.0
0.5
1.0
Form-A
Typical Load Current vs. Load Voltage
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Form-A
Maximum Load Current vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
62
63
64
65
66
67
68
69
70
Form-A
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
Form-A
Typical Leakage vs. Temperature
Measured Across Pins 5 & 6
(V
L=60V)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0
1
2
3
4
5
6
Form-A
Energy Rating Curve
LED Forward Voltage Drop (V)
1.220
1.225
1.230
1.235
1.240
1.245
0
5
10
15
20
25
30
Form-B
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.507
0.530
0.553
0.576
0.599
0.622
0
5
10
15
20
Form-B
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time (ms)
0.63
0.67
0.71
0.75
0.79
0.83
0
5
10
15
20
25
Form-B
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Forward Current (mA)
0.16
0.17
0.18
0.19
0.20
0.21
0
5
10
15
20
25
Form-B
Typical I
F for Switch Operation
(N=50, I
L=200mA)
On-Resistance ( )
1.49
1.53
1.57
1.61
1.65
1.69
0
5
10
15
20
Form-B
Typical On-Resistance
(N=50, I
F=0mA, IL=5mA)
Blocking Voltage (V
P)
75
76
77
78
79
80
0
5
10
15
20
Form-B
Typical Blocking Voltage
(N=50, I
F=5mA)
Form-B RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Form-A RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com