Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET-IL7021 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # ET-IL7021
Description  Function of this IC is accurately resetting the system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

ET-IL7021 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  ET-IL7021 Datasheet HTML 1Page - Estek Electronics Co. Ltd ET-IL7021 Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Tj= +25°C, unless otherwise noted)
CHARACTERISTIC
SYMBO
L
CONDITIONS
MIN
TYP
MAX
UNIT
Detecting Voltage
Vs
RL=200
Ω
VOL
≤0.4V
IL7021T2
IL7023T2
IL7025T2
IL7027T2
IL7029T2
IL7031T2
IL7033T2
IL7036T2
IL7037T2
IL7039T2
IL7042T2
IL7045T2
1.95
2.15
2.35
2.55
2.75
2.95
3.15
3.45
3.55
3.75
4.05
4.35
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.6
3.7
3.9
4.2
4.5
2.25
2.45
2.65
2.85
3.05
3.25
3.45
3.75
3.85
4.05
4.35
4.65
V
Low-Level Output
Voltage
VOL
RL=200
Ω
-
-
0.4
V
Output Leakage Current
IOH
Vcc=15V
-
-
0.1
µA
Histeresis Voltage
∆Vs
RL=200
Ω
30
50
100
mV
Detecting Voltage
Temperature Coefficient
Vs/
∆T
RL=200
Ω
-
±0.01
-
%/°C
Circuit Current at on Time
IccL
Vcc=Vsmin – 0.05V
-
-
500
µA
Circuit Current at off Time
IccH
Vcc=5.25V
-
-
50
µA
Threshold Operating
Voltage
Vopr
RL=200
Ω
VOL
≤0.4V
-
0.8
-
V
"L" Transmission
Delay Time
tpHL
RL=1.0k , CL=100pF
-
10
-
µs
"H" Transmission
Delay Time
tpLH
RL=1.0k , CL=100pF
-
15
-
µs
Output Current
IOL
Vcc=Vsmin – 0.05V;
Tc=25°C
20
-
-
mA
#00-268 - 1
BEIJING ESTEK ELECTRONICS CO.,LTD
Page 2 of 2
ET-IL7021 ~ IL7045



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com