Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA110LS Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA110LS
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA110LS Datasheet(HTML) 1 Page - IXYS Corporation

  LCA110LS Datasheet HTML 1Page - IXYS Corporation LCA110LS Datasheet HTML 2Page - IXYS Corporation LCA110LS Datasheet HTML 3Page - IXYS Corporation LCA110LS Datasheet HTML 4Page - IXYS Corporation LCA110LS Datasheet HTML 5Page - IXYS Corporation LCA110LS Datasheet HTML 6Page - IXYS Corporation LCA110LS Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA110L-R04
1
LCA110L
e3
Pb
Single Pole, Normally Open
OptoMOS® Relay
Applications
Features
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms & mADC
On-Resistance (max)
35
Built-in Current Limiting
3750V
rms Input/Output Isolation
Low Drive Power Requirements
(TTL/CMOS Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Small 6-Pin Package
Flammability Classification Rating: V-0
Surface Mount, Tape & Reel Version Available
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment—Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
Description
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
Ordering Information
Part #
Description
LCA110L
6 Pin DIP (50/Tube)
LCA110LS
6 Pin Surface Mount (50/Tube)
LCA110LSTR
6 Pin Surface Mount (1000/Reel)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
NC
Load
Do Not Use
Load
AC/DC Configuration
+ Load
– Load
1
3
2
4
5
6
+ Control
– Control
NC
DC Only Configuration
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
LCA110L is a current-limited, normally open
(1-Form-A) solid state relay that uses optically
coupled MOSFET technology to provide 3750V
rms of
input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Use the LCA110L to replace mechanical relays,
and gain the superior reliability associated with
semiconductor devices, which, because they have no
moving parts, can offer faster, bounce-free switching
in a more compact surface mount or through-hole
package.


Similar Part No. - LCA110LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA110LS CLARE-LCA110LS Datasheet
277Kb / 6P
Single Pole OptoMOS Relay
LCA110LSTR CLARE-LCA110LSTR Datasheet
277Kb / 6P
Single Pole OptoMOS Relay
More results

Similar Description - LCA110LS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA134 IXYS-PLA134 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com