Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324JC Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # LM324JC
Description  Quad Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM324JC Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  LM324JC Datasheet HTML 1Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 2Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 3Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 4Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 5Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ET-LM324
www.estek.com.cn
Copyright @ Estek Electronics Co., Ltd
Version 0.2
27 July 2011
3
Electrical Characteristics (TA=25 °C, VCC=5.0V, VEE=Gnd, unless otherwise noted .)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC=5V to 30V; RS=0Ω; VO=1.4V
VICR=0V to (VCC-1.5V)
-
-
7.0
VIO
Maximum Input Offset
Voltage
VCC=5V to 30V; RS=0Ω; VO=1.4V
VICR=0V to (VCC-2.0V)
-
-
9.0
mV
-
-
±
50
IIO
Maximum Input Offset
Current
VCC=5.0V to 30V
VO=1.4V
-
-
±
150
nA
-
-
-250
IIB
Maximum Input Bias
Current
VCC=5.0V to 30V
VO=1.4V
-
-
-500
nA
-
-
VCC-1.5
VICR
Common-mode Input
Voltage Range
VCC=30V
-
-
VCC-2.0
V
RL=∞, VCC=5V, VO=2.5V
-
-
1.2
ICC
Maximum Power Supply
Current
RL=∞, VCC=30V, VO=15V
-
-
3.0
mA
AVOL
Minimum Large Signal
Open-Loop Vol. Gain
VCC=15V, RL≥2kΩ
25
-
-
V/mV
VCC=5V, RL=2KΩ
3.3
-
-
VCC=30V, RL=2KΩ
26
-
-
VOH
Minimum Output
High-Level Vol. Swing
VCC=30V, RL=10KΩ
27
-
-
V
VOL
Maximum Output
High-Level Vol. Swing
VCC=5V, RL=10KΩ
-
-
20
mV
25
-
-
AVOL
Minimum Large Signal
Open-Loop Vol. Gain
VCC=15V, RL≥2kΩ
15
-
-
V/mV
CMR
Common-mode
Rejection
VCC=5V to 30V, RS=10KΩ
65
-
-
dB
PSR
Power Supply Rejection
VCC=5V to 30V
65
-
-
dB
ISC
Maximum Output Short
Circuit to Gnd
VCC=5V, VO=0V
-
-
60
mA
IO+
Minimum Output Source
Current
VCC=15V, VID-=1.0V
20
-
-
mA
VID=-1.0V, VCC=15V, VO=15V
10
-
-
mA
IO-
Minimum Output Sink
Current
VID=-1.0V, VCC=15V, VO=0.2V
12
-
-
uA
VIDR
Differential Input
Voltage Range
All VIN≥Gnd or V-Supply
(if used)
-
-
VCC
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com