Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA182STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA182STR
Description  Single Pole, Normally Open OptMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA182STR Datasheet(HTML) 1 Page - IXYS Corporation

  LCA182STR Datasheet HTML 1Page - IXYS Corporation LCA182STR Datasheet HTML 2Page - IXYS Corporation LCA182STR Datasheet HTML 3Page - IXYS Corporation LCA182STR Datasheet HTML 4Page - IXYS Corporation LCA182STR Datasheet HTML 5Page - IXYS Corporation LCA182STR Datasheet HTML 6Page - IXYS Corporation LCA182STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA182-R04
1
LCA182
e3
Pb
Single Pole, Normally Open
OptMOS® Relay
Applications
Features
Description
Parameter
Rating
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
35
Input Control Current
0.25
mA
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• Very Low Input Control Current (0.25mA)
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount, Tape & Reel Version Available
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook,
PocketSize)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment Patient/Equipment Isolation
• Aerospace
• Industrial Controls
Approvals
Ordering Information
Part #
Description
LCA182
6 Pin DIP (50/Tube)
LCA182S
6 Pin Surface Mount (50/Tube)
LCA182STR
6 Pin Surface Mount (1000/Reel)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
+ Load
– Load
1
3
2
4
5
6
+ Control
– Control
Do Not Use
DC Only Configuration
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
LCA182 is a normally open (1-Form-A) solid
state relay that uses optically coupled MOSFET
technology to provide 3750V
rms of input to output
isolation. It features an extremely low input control
current of only 0.25mA, which is the lowest available
in IXYS Integrated Circuits Division’s Solid State
Relay family.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The LCA182 can be used to replace mechanical
relays, and offers the superior reliability associated
with semiconductor devices. Because it has no
moving parts, it offers faster, bounce-free switching
in a more compact surface mount or through-hole
package.


Similar Part No. - LCA182STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA182STR CLARE-LCA182STR Datasheet
1Mb / 5P
Single Pole OptoMOS Relay
More results

Similar Description - LCA182STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
LCA710 IXYS-LCA710 Datasheet
127Kb / 7P
Single Pole, Normally Open OptMOS Relay
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
Normally Open Single Pole Single Throw Relay
logo
IXYS Corporation
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com