Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA701 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA701
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA701 Datasheet(HTML) 1 Page - IXYS Corporation

  LCA701 Datasheet HTML 1Page - IXYS Corporation LCA701 Datasheet HTML 2Page - IXYS Corporation LCA701 Datasheet HTML 3Page - IXYS Corporation LCA701 Datasheet HTML 4Page - IXYS Corporation LCA701 Datasheet HTML 5Page - IXYS Corporation LCA701 Datasheet HTML 6Page - IXYS Corporation LCA701 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA701-R03
1
LCA701
Single Pole, Normally Open
OptoMOS® Relay
e3
Pb
Applications
Features
Description
Parameter
Rating
Units
Blocking Voltage
100
V
P
Load Current
1.5
A
rms / ADC
On-Resistance (max)
0.3
Input Control Current
2
mA
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• 100V
P Blocking Voltage
• Operational Temperature Range: -40ºC to +85ºC
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• No Moving Parts
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Version Available
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
Approvals
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate 1175739
• EN 60950-1: 2006 Certified Component:
TUV Certificate B 10 05 49410 006
Ordering Information
Part #
Description
LCA701
6 Pin DIP (50/Tube)
LCA701S
6 Pin Surface Mount (50/Tube)
LCA701STR
6 Pin Surface Mount (1000/Reel)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC-Only Configuration
IXYS Integrated Circuits Division's LCA701 is a 100V,
1.5A, 0.3
, normally open (1-Form-A) solid state
relay that uses optically coupled MOSFET technology
to provide 3750V
rms of input-to-output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
LCA701 is designed to replace electromechanical
relays, and offers fast, reliable, bounce-free operation,
as well as the superior reliability associated with solid
state devices.


Similar Part No. - LCA701

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA710 CLARE-LCA710 Datasheet
100Kb / 6P
Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA710 IXYS-LCA710 Datasheet
127Kb / 7P
Single Pole, Normally Open OptMOS Relay
LCA710R IXYS-LCA710R Datasheet
127Kb / 7P
Single Pole, Normally Open OptMOS Relay
LCA710RTR IXYS-LCA710RTR Datasheet
127Kb / 7P
Single Pole, Normally Open OptMOS Relay
logo
Clare, Inc.
LCA710S CLARE-LCA710S Datasheet
100Kb / 6P
Single Pole OptoMOS Relay
More results

Similar Description - LCA701

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com