Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA712STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # LCA712STR
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA712STR Datasheet(HTML) 3 Page - IXYS Corporation

  LCA712STR Datasheet HTML 1Page - IXYS Corporation LCA712STR Datasheet HTML 2Page - IXYS Corporation LCA712STR Datasheet HTML 3Page - IXYS Corporation LCA712STR Datasheet HTML 4Page - IXYS Corporation LCA712STR Datasheet HTML 5Page - IXYS Corporation LCA712STR Datasheet HTML 6Page - IXYS Corporation LCA712STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LCA712
www.ixysic.com
3
R03
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical LED Forward Voltage Drop
(N=50, I
F=10mA)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage (V)
Typical Turn-On Time
(N=50, I
F=10mA, IL=1ADC)
0.7
1.1
1.5
0.5
0.9
1.3
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=10mA, IL=1ADC)
0.05
0.09
0.13
0.03
0.07
0.11
Turn-Off Time (ms)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=1ADC)
1.25
2.25
3.25
1.75
2.75
3.75
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Dropout
(N=50, I
L=1ADC)
25
20
15
10
5
0
1.25
2.25
3.25
1.75
2.75
3.75
LED Current (mA)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1ADC)
35
30
25
20
15
10
5
0
0.215
0.225
0.235
0.255
0.245
0.265
On-Resistance ( )
Typical Blocking Voltage Distribution
(N=50)
35
30
25
20
15
10
5
0
72
74
76
78
80
82
Blocking Voltage (V
P)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=30mA
I
F=20mA
I
F=10mA
Typical Turn-On Time
vs.LED Forward Current
(I
L=1ADC)
Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=1ADC)
LED Forward Current (mA)
0
5
1015202530354045
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com