Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA717 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCA717
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA717 Datasheet(HTML) 1 Page - IXYS Corporation

  LCA717 Datasheet HTML 1Page - IXYS Corporation LCA717 Datasheet HTML 2Page - IXYS Corporation LCA717 Datasheet HTML 3Page - IXYS Corporation LCA717 Datasheet HTML 4Page - IXYS Corporation LCA717 Datasheet HTML 5Page - IXYS Corporation LCA717 Datasheet HTML 6Page - IXYS Corporation LCA717 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCA717-R04
1
LCA717
e3
Pb
Single-Pole, Normally Open
OptoMOS® Relay
Applications
Features
Description
Parameter
Ratings
Units
Blocking Voltage
30
V
P
Load Current
2
A
rms / ADC
On-Resistance (max)
0.15
Pin Configuration
Switching Characteristics
of Normally Open Devices
• Very Low Maximum On-Resistance: 0.15
• High Load Current: 2A
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 6-Pin DIP Package
• Machine Insertable, Wave Solderable
• Surface Mount, Tape & Reel Version Available
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment: Patient/Equipment Isolation
• Aerospace
• Industrial Controls
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 006
Ordering Information
Part #
Description
LCA717
6-Pin DIP (50/Tube)
LCA717S
6-Pin Surface Mount (50/Tube)
LCA717STR
6-Pin Surface Mount (1000/Reel)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
The LCA717 is a 30V single-pole, normally open
(1-Form-A) Solid State Relay. It uses optically
coupled MOSFET technology to provide 3750V
rms
of input to output isolation, and features an ultra-low
on-resistance for high-current operation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Offering the superior reliability associated with
semiconductor devices, the LCA717 can be used to
replace mechanical relays. Because it has no moving
parts, it can offer faster, bounce-free switching in a
more compact surface mount or thru-hole package.


Similar Part No. - LCA717

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
Single Pole OptoMOS짰 Relay
LCA717S CLARE-LCA717S Datasheet
127Kb / 6P
Single Pole OptoMOS짰 Relay
LCA717STR CLARE-LCA717STR Datasheet
127Kb / 6P
Single Pole OptoMOS짰 Relay
More results

Similar Description - LCA717

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com