Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA717STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # LCA717STR
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCA717STR Datasheet(HTML) 3 Page - IXYS Corporation

  LCA717STR Datasheet HTML 1Page - IXYS Corporation LCA717STR Datasheet HTML 2Page - IXYS Corporation LCA717STR Datasheet HTML 3Page - IXYS Corporation LCA717STR Datasheet HTML 4Page - IXYS Corporation LCA717STR Datasheet HTML 5Page - IXYS Corporation LCA717STR Datasheet HTML 6Page - IXYS Corporation LCA717STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LCA717
www.ixysic.com
3
R04
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LED Forward Voltage (V)
1.215 1.230 1.245 1.260 1.275 1.290 1.305
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.730 0.785 0.840 0.895 0.950 1.005 1.060
0
5
10
15
20
25
Typical Turn-On Time Distribution
(N=50, I
F=5mA, IL=120mA)
Turn-Off Time (ms)
0.41
0.42
0.43
0.44
0.45
0.46
0
5
10
15
20
25
Typical Turn-Off Time Distribution
(N=50, I
F=5mA, IL=120mA)
LED Forward Current (mA)
0.105
0.110
0.115
0.120
0.125
0.130
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=500mA)
On-Resistance (m )
80.0
81.5
83.0
84.5
86.0
87.5
89.0
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=1A)
Blocking Voltage (V
P)
36.4
36.7
37.0
37.3
37.6
37.9
38.2
0
5
10
15
20
Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
I
F=1mA
LED Forward Current (mA)
0
1020
304050
0
1000
2000
3000
4000
5000
Typical Turn-On Time
vs. LED Forward Current
LED Forward Current (mA)
0
1020
304050
350
370
390
410
430
450
Typical Turn-Off Time
vs. LED Forward Current
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
Typical I
F for Switch Operation
vs. Temperature
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
500
1000
1500
2000
2500
3000
3500
4000
Typical Turn-On Time
vs. Temperature
I
F=5mA
I
F=2mA
I
F=1mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
300
350
400
450
500
550
600
650
700
Typical Turn-Off Time
vs. Temperature
I
F=1mA
I
F=5mA
I
F=2mA
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com