Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB717S Datasheet(PDF) 4 Page - IXYS Corporation

Part # LCB717S
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB717S Datasheet(HTML) 4 Page - IXYS Corporation

  LCB717S Datasheet HTML 1Page - IXYS Corporation LCB717S Datasheet HTML 2Page - IXYS Corporation LCB717S Datasheet HTML 3Page - IXYS Corporation LCB717S Datasheet HTML 4Page - IXYS Corporation LCB717S Datasheet HTML 5Page - IXYS Corporation LCB717S Datasheet HTML 6Page - IXYS Corporation LCB717S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R01
LCB717
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA* (@25ºC Unless Otherwise Noted)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
Typical On-Resistance vs. Temperature
AC/DC Configuration
(I
F=0mA, IL=750mA)
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Typical Load Current vs. Load Voltage
AC/DC Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.6
0.8
1.0
1.2
1.4
1.6
Maximum Load Current vs. Temperature
AC/DC Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.030
0.035
0.040
0.045
0.050
0.055
0.060
0.065
Typical On-Resistance vs. Temperature
DC-Only Configuration
(I
F=0mA, IL=1.5A)
Load Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Typical Load Current vs. Load Voltage
DC-Only Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
3.5
Maximum Load Current vs. Temperature
DC-Only Configuration
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
Leakage Current vs. Temperature
Measured Across Pins 4 & 6
(I
F=4mA, VL=30V)
Load Voltage (V)
0
5
10
15
20
25
100
200
300
400
500
600
700
800
Output Capacitance vs. Load Voltage
(I
F=2mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
1
2
3
4
5
6
Energy Rating Curve
Temperature (ºC)
-40
-20
0
20
40
60
80
100
37
38
39
40
41
42
43
44
Typical Blocking Voltage
vs. Temperature
(I
F=4mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com