Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCC110STR Datasheet(PDF) 5 Page - IXYS Corporation

Part # LCC110STR
Description  1-Form-C OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCC110STR Datasheet(HTML) 5 Page - IXYS Corporation

  LCC110STR Datasheet HTML 1Page - IXYS Corporation LCC110STR Datasheet HTML 2Page - IXYS Corporation LCC110STR Datasheet HTML 3Page - IXYS Corporation LCC110STR Datasheet HTML 4Page - IXYS Corporation LCC110STR Datasheet HTML 5Page - IXYS Corporation LCC110STR Datasheet HTML 6Page - IXYS Corporation LCC110STR Datasheet HTML 7Page - IXYS Corporation LCC110STR Datasheet HTML 8Page - IXYS Corporation LCC110STR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
LCC110
www.ixysic.com
5
R06
FORM-B RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Form-B
Typical Turn-On Time
(N=50, I
F=8mA, IL=120mADC)
0.03
0.07
0.11
0.05
0.09
0.13
Turn-On Time (ms)
30
25
20
15
10
5
0
Form-B
Typical Turn-Off Time
(N=50, I
F=8mA, IL=120mADC)
0.28
0.42
0.56
0.49
0.35
0.21
Turn-Off Time (ms)
30
25
20
15
10
5
0
Form-B
Typical On-Resistance Distribution
(N=50, I
F=8mA, IL=120mADC)
30
25
20
15
10
5
0
25.5
27.5
29.5
31.5
26.5
28.5
30.5
On-Resistance ( )
Form-B
Typical I
F for Switch Operation
(N=50, I
L=120mADC)
30
25
20
15
10
5
0
1.2
2.0
3.6
5.2
2.8
LED Current (mA)
4.4
Form-B
Typical I
F for Switch Dropout
(N=50, I
L=120mADC)
25
20
15
10
5
0
LED Current (mA)
1.2
2.0
3.6
4.4
5.2
2.8
Form-B
Typical Blocking Voltage Distribution
(N=50)
30
25
20
15
10
5
0
365
385
405
425
375
395
415
Blocking Voltage (V
P)
Form-B
Typical Turn-On Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.075
0.074
0.073
0.072
0.071
0.070
50
Form-B
Typical I
F for Switch Operation
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
Form-B
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=120mADC)
Temperature (ºC)
-40
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
Form-B
Typical Turn-Off Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
50
Form-B
Typical I
F for Switch Dropout
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
Form-B
Typical Turn-Off Time
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
I
F=8mA
I
F=10mA
I
F=20mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com