Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA100 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LDA100
Description  Optocoupler, Bidirectional Input Single-Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA100 Datasheet(HTML) 2 Page - IXYS Corporation

  LDA100 Datasheet HTML 1Page - IXYS Corporation LDA100 Datasheet HTML 2Page - IXYS Corporation LDA100 Datasheet HTML 3Page - IXYS Corporation LDA100 Datasheet HTML 4Page - IXYS Corporation LDA100 Datasheet HTML 5Page - IXYS Corporation LDA100 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R06
LDA100
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC (Unless Otherwise Noted)
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Breakdown Voltage
I
C=10µA
BV
CEO
30
85
-
V
Phototransistor Dark Current
V
CE=5V, IF=0mA
I
CEO
-
-
500
nA
Saturation Voltage
I
C=2mA, IF=1mA
V
CE(sat)
-
-
0.5
V
Current Transfer Ratio
I
F=1mA, VCE=0.5V
CTR
33
300
-
%
Output Capacitance
25V, f=1MHz
C
OUT
-6
-
pF
Input Characteristics
Input Control Current
I
C=0.33mA, VCE=0.5V
I
F
--
1
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
Parameter
Ratings
Units
Breakdown Voltage
30
V
P
Input Control Current
50
mA
Peak (10ms)
1
A
Power Dissipation
Input 1
150
mW
Phototransistors 2
150
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
ºC
Storage Temperature
-40 to +125
ºC
1 Derate linearly 1.33mW / ºC
2 Derate linearly 2mW / ºC
Characteristic
Symbol
Test Condition
Typ
Units
Turn-On Time
t
on
V
CC=5V, IF=2mA, RL=1K
7
s
Turn-Off Time
t
off
20
Switching Characteristics @ 25ºC
Switching Time Test Circuit
V
CC
V
CE
R
L
I
F
Pulse Width=5ms
Duty Cycle=1%
I
F
10%
90%
t on
t off
V
CE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com