Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA101S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDA101S
Description  Optocoupler, Unidirectional Input Single-Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA101S Datasheet(HTML) 1 Page - IXYS Corporation

  LDA101S Datasheet HTML 1Page - IXYS Corporation LDA101S Datasheet HTML 2Page - IXYS Corporation LDA101S Datasheet HTML 3Page - IXYS Corporation LDA101S Datasheet HTML 4Page - IXYS Corporation LDA101S Datasheet HTML 5Page - IXYS Corporation LDA101S Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LDA101-R06
1
LDA101
Optocoupler, Unidirectional Input
Single-Transistor Output
e3
Pb
Part Number
Description
LDA101
6-Pin DIP (50/Tube)
LDA101S
6-Pin Surface Mount (50/Tube)
LDA101STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage BV
CEO
30
V
P
Current Transfer Ratio (Typical)
300
%
Saturation Voltage
0.5
V
Input Control Current
1
mA
Applications
Features
Description
Ordering Information
Pin Configuration
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Loop Detect
Ringing Detect
Current Sensing
3750V
rms Input/Output Isolation
Low Drive Power Requirements
(TTL/CMOS Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Small 6-Pin Package, Thru-Hole or Surface Mount
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Version Available
The LDA101 is a unidirectional-input optocoupler
with a single-transistor output. Optically coupled
technology provides a 3750V
rms isolation barrier
between the input and the output.
Approvals
1
3
2
4
5
6
A
K
N/C
B
C
E
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 006


Similar Part No. - LDA101S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA101S CLARE-LDA101S Datasheet
68Kb / 5P
Solid State Current Sensors
LDA101STR CLARE-LDA101STR Datasheet
68Kb / 5P
Solid State Current Sensors
More results

Similar Description - LDA101S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
Unidirectional Input, Single-Transistor Output Optocoupler
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
Unidirectional-Input, Single-Transistor Output Optocoupler
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
Optocoupler: Unidirectional Input, Single-Transistor Output
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
Optocoupler, Bidirectional Input Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
LDA201 IXYS-LDA201 Datasheet
120Kb / 6P
Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA203 IXYS-LDA203 Datasheet
120Kb / 6P
Dual Optocouplers, Unidirectional Input Single-Transistor Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com