Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC834 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC834
Description  MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC834 Datasheet(HTML) 1 Page - Analog Devices

  ADUC834 Datasheet HTML 1Page - Analog Devices ADUC834 Datasheet HTML 2Page - Analog Devices ADUC834 Datasheet HTML 3Page - Analog Devices ADUC834 Datasheet HTML 4Page - Analog Devices ADUC834 Datasheet HTML 5Page - Analog Devices ADUC834 Datasheet HTML 6Page - Analog Devices ADUC834 Datasheet HTML 7Page - Analog Devices ADUC834 Datasheet HTML 8Page - Analog Devices ADUC834 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
REV. A
a
ADuC834
MicroConverter®, Dual 16-Bit/24-Bit -
ADCs with Embedded 62 kB Flash MCU
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAM
62 KBYTES FLASH/EE PROGRAM MEMORY
4 KBYTES FLASH/EE DATA MEMORY
2304 BYTES USER RAM
3
16 BIT TIMERS
BAUD R ATE TIMER
4
PARALLEL
PORTS
8051-BASED MCU WITH ADDITIONAL
PERIPHERALS
POWER SUPPLY MON
WATCHDOG TIMER
UART, SPI, AND I
2C
SERIAL I/O
ADuC834
XTAL2
XTAL1
BUF
AGND
REFIN+
REFIN–
INTERNAL
BAND GAP
VREF
AIN1
AIN2
AIN3
AIN4
AIN5
AUXILIARY
16-BIT -
ADC
PRIMARY
24-BIT -
ADC
MUX
OSC
AVDD
MUX
PGA
DUAL
16-BIT
- DAC
BUF
DAC
CURRENT
SOURCE
AVDD
IEXC1
IEXC2
PWM0
PWM1
DUAL
16-BIT
PWM
WAKE- UP/
RTC TIMER
TEMP
SENSOR
EXTERNAL
VREF
DETECT
12-BIT
DAC
MUX
DGND
DVDD
RESET
POR
PLL AND PROG
CLOCK DIV
GENERAL DESCRIPTION
The ADuC834 is a complete smart transducer front end,
integrating two high resolution -
ADCs, an 8-bit MCU, and
program/data Flash/EE memory on a single chip.
The two independent ADCs (primary and auxiliary) include a
temperature sensor and a PGA (allowing direct measurement of
low level signals). The ADCs with on-chip digital filtering and
programmable output data rates are intended for the measurement
of wide dynamic range, low frequency signals, such as those in
weigh scale, strain-gage, pressure transducer, or temperature
measurement applications.
The device operates from a 32 kHz crystal with an on-chip PLL
generating a high frequency clock of 12.58 MHz. This clock is
routed through a programmable clock divider from which the MCU
core clock operating frequency is generated. The microcontroller
core is an 8052 and therefore 8051 instruction set compatible
with 12 core clock periods per machine cycle.
62 Kbytes of nonvolatile Flash/EE program memory, 4 Kbytes of
nonvolatile Flash/EE data memory, and 2304 bytes of data RAM
are provided on-chip. The program memory can be configured
as data memory to give up to 60 Kbytes of NV data memory in
data logging applications.
On-chip factory firmware supports in-circuit serial download and
debug modes (via UART), as well as single-pin emulation mode
via the
EA pin. The ADuC834 is supported by a QuickStart™
development system featuring low cost software and hardware
development tools.
FEATURES
High Resolution
-
ADCs
2 Independent ADCs (16-Bit and 24-Bit Resolution)
24-Bit No Missing Codes, Primary ADC
21-Bit rms (18.5-Bit p-p) Effective Resolution @ 20 Hz
Offset Drift 10 nV/ C, Gain Drift 0.5 ppm/ C
Memory
62 Kbytes On-Chip Flash/EE Program Memory
4 Kbytes On-Chip Flash/EE Data Memory
Flash/EE, 100 Year Retention, 100 Kcycles Endurance
3 Levels of Flash/EE Program Memory Security
In-Circuit Serial Download (No External Hardware)
High Speed User Download (5 Seconds)
2304 Bytes On-Chip Data RAM
8051-Based Core
8051 Compatible Instruction Set
32 kHz External Crystal
On-Chip Programmable PLL (12.58 MHz Max)
3
16-Bit Timer/Counter
26 Programmable I/O Lines
11 Interrupt Sources, Two Priority Levels
Dual Data Pointer, Extended 11-Bit Stack Pointer
On-Chip Peripherals
Internal Power on Reset Circuit
12-Bit Voltage Output DAC
Dual 16-Bit
-
DACs/PWMs
On-Chip Temperature Sensor
Dual Excitation Current Sources
Time Interval Counter (Wake-Up/RTC Timer)
UART, SPI®, and I2C® Serial I/O
High Speed Baud Rate Generator (Including 115,200)
Watchdog Timer (WDT)
Power Supply Monitor (PSM)
Power
Normal: 2.3 mA Max @ 3.6 V (Core CLK = 1.57 MHz)
Power-Down: 20
A Max with Wake-Up Timer Running
Specified for 3 V and 5 V Operation
Package and Temperature Range
52-Lead MQFP (14 mm
14 mm), –40 C to +125 C
56-Lead LFCSP (8 mm
8 mm), –40 C to +85 C
APPLICATIONS
Intelligent Sensors
Weigh Scales
Portable Instrumentation, Battery-Powered Systems
4–20 mA Transmitters
Data Logging
Precision System Monitoring


Similar Part No. - ADUC834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834BCP AD-ADUC834BCP Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834BCP AD-ADUC834BCP Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit
REV. A
ADUC834BS AD-ADUC834BS Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834BS AD-ADUC834BS Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit
REV. A
More results

Similar Description - ADUC834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
5/02-Data Sheet changed from REV. A to REV. B.
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
4/03-Data Sheet changed from REV. 0 to REV. A.
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
6/04-Changed from Rev. 0 to Rev. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com