Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA201STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDA201STR
Description  Dual Optocouplers, Unidirectional Input Single-Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA201STR Datasheet(HTML) 1 Page - IXYS Corporation

  LDA201STR Datasheet HTML 1Page - IXYS Corporation LDA201STR Datasheet HTML 2Page - IXYS Corporation LDA201STR Datasheet HTML 3Page - IXYS Corporation LDA201STR Datasheet HTML 4Page - IXYS Corporation LDA201STR Datasheet HTML 5Page - IXYS Corporation LDA201STR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
Dual Optocouplers, Unidirectional Input
Single-Transistor Output
www.ixysic.com
DS-LDA201-R05
1
LDA201
e3
Pb
Part Number
Description
LDA201
8-Pin DIP (50/tube)
LDA201S
8-Pin Surface Mount (50/tube)
LDA201STR
8-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage - BV
CEO
30
V
P
Current Transfer Ratio - CTR (Typ)
300
%
Saturation Voltage - V
CE(sat)
0.5
V
Input Control Current - I
F
1mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Loop Detect
• Ringing Detect
• Current Sensing
• 100mA Continuous Load Rating
• 3750V
rms Input/Output Isolation
• Unidirectional Input
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
LDA201 is a dual optocoupler with unidirectional
inputs and single-transistor outputs. Current transfer
ratios range from 33% to 1000% with a typical value
of 300%.
Approvals
1
2
3
4
8
7
6
5
E
E
C
C
A
K
K
A
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 006


Similar Part No. - LDA201STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA201STR CLARE-LDA201STR Datasheet
70Kb / 5P
Solid State Current Sensors
More results

Similar Description - LDA201STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
Unidirectional Input, Single-Transistor Output Optocoupler
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
Unidirectional-Input, Single-Transistor Output Optocoupler
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
Optocoupler: Unidirectional Input, Single-Transistor Output
LDA101 IXYS-LDA101 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA200 IXYS-LDA200 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA202 IXYS-LDA202 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA203 IXYS-LDA203 Datasheet
120Kb / 6P
Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA211 IXYS-LDA211 Datasheet
118Kb / 6P
Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
LDA213 IXYS-LDA213 Datasheet
118Kb / 6P
Dual Optocouplers, Unidirectional Input Darlington-Transistor Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com