Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIA130STR Datasheet(PDF) 7 Page - IXYS Corporation

Part # LIA130STR
Description  Optically Isolated Error Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA130STR Datasheet(HTML) 7 Page - IXYS Corporation

Back Button LIA130STR Datasheet HTML 3Page - IXYS Corporation LIA130STR Datasheet HTML 4Page - IXYS Corporation LIA130STR Datasheet HTML 5Page - IXYS Corporation LIA130STR Datasheet HTML 6Page - IXYS Corporation LIA130STR Datasheet HTML 7Page - IXYS Corporation LIA130STR Datasheet HTML 8Page - IXYS Corporation LIA130STR Datasheet HTML 9Page - IXYS Corporation LIA130STR Datasheet HTML 10Page - IXYS Corporation LIA130STR Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
LIA130
PRELIMINARY
7
R00D
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA*
Saturation Voltage
vs. Ambient Temperature
(I
LED=10mA; IC=10mA)
-40
0.30
0.25
0.20
0.15
0.10
0.05
0.00
-20
0
20406080
100
Temperature (ºC)
Collector Current
vs. Collector Voltage
(T
A=25ºC)
VCE - Collector-Emitter (V)
0
180
160
140
120
100
80
60
40
20
0
123456789
10
I
LED=20mA
I
LED=1mA
I
LED=5mA
I
LED=10mA
Delta V
REF / Delta VCOMP
vs. Ambient Temperature
-40
-1.5
-2.0
-2.5
-3.0
-20
0
20406080
100
Temperature (ºC)
Voltage Gain vs. Frequency
Frenquency kHz
10
15
0
-15
-30
100
1000
100
1k
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com