Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR293 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR293
Description  Low Noise Micropower Precision Voltage References
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR293 Datasheet HTML 5Page - Analog Devices ADR293 Datasheet HTML 6Page - Analog Devices ADR293 Datasheet HTML 7Page - Analog Devices ADR293 Datasheet HTML 8Page - Analog Devices ADR293 Datasheet HTML 9Page - Analog Devices ADR293 Datasheet HTML 10Page - Analog Devices ADR293 Datasheet HTML 11Page - Analog Devices ADR293 Datasheet HTML 12Page - Analog Devices ADR293 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ADR290/ADR291/ADR292
REV. B
–9–
TEMPERATURE – C
200
160
0
–50
125
–25
0
255075
100
120
80
40
IOUT = 1mA
IOUT = 5mA
VS = 5V
TPC 13. ADR290 Line Regulation vs. Temperature
TEMPERATURE – C
200
160
0
–50
125
–25
0
255075
100
120
80
40
VS = 5V
IOUT = 1mA
IOUT = 5mA
TPC 14. ADR291 Load Regulation vs. Temperature
TEMPERATURE – C
200
160
0
–50
125
–25
0
255075
100
120
80
40
VS = 5V
IOUT = 1mA
IOUT = 5mA
TPC 15. ADR292 Load Regulation vs. Temperature
SOURCING LOAD CURRENT – mA
500
–250
–1000
0.1
10
1
–750
–500
0
250
TA = +25 C
TA = +125 C
TA = –40 C
TPC 16. ADR290
∆VOUT from Nominal vs. Load Current
SOURCING LOAD CURRENT – mA
0
–1250
–2000
0.1
10
1
–1750
–1500
–500
–250
TA = +25 C
TA = +125 C
TA = –40 C
–1000
–750
TPC 17. ADR291
∆VOUT from Nominal vs. Load Current
SOURCING LOAD CURRENT – mA
0
–2500
–4000
0.1
10
1
–3500
–3000
–1000
–500
TA = +25 C
TA = +125 C
TA = –40 C
–2000
–1500
TPC 18. ADR292
∆VOUT from Nominal vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com