Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601LCJST Datasheet(PDF) 21 Page - Analog Devices

Part # ADV601LCJST
Description  Ultralow Cost Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601LCJST Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV601LCJST Datasheet HTML 17Page - Analog Devices ADV601LCJST Datasheet HTML 18Page - Analog Devices ADV601LCJST Datasheet HTML 19Page - Analog Devices ADV601LCJST Datasheet HTML 20Page - Analog Devices ADV601LCJST Datasheet HTML 21Page - Analog Devices ADV601LCJST Datasheet HTML 22Page - Analog Devices ADV601LCJST Datasheet HTML 23Page - Analog Devices ADV601LCJST Datasheet HTML 24Page - Analog Devices ADV601LCJST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ADV601LC
–21–
REV. 0
Video Formats — Multiplexed Philips Video
The ADV601LC supports a hybrid mode of operation that is a
cross between standard dual lane Philips and single lane CCIR-
656. In this mode, video data is multiplexed in the same fashion in
CCIR-656, but the values 0 and 255 are not reserved as signaling
values. Instead, external HSYNC and VSYNC pins are used for
signaling and video synchronization. VCLK may range up to
29.5 MHz.
VCLK is driven with up to a 29.5 MHz 50% duty cycle clock
synchronous with the video data. Video data is clocked on the
rising edge of the VCLK signal. The functionality of HSYNC,
VSYNC, and FIELD pins is dependent on three programmable
modes of the ADV601LC: Master-Slave Control, Encode-
Decode Control, and 525-625 Control. Table X summarizes the
functionality of these pins in various modes.
Table X. Philips Multiplexed Video Master and Slave Modes HSYNC, VSYNC, and FIELD Functionality
HSYNC, VSYNC and FIELD
Functionality for Multiplexed
Master Mode (HSYNC, VSYNC
Slave Mode (HSYNC, VSYNC
Philips
and FIELD Are Outputs)
and FIELD Are Inputs)
Encode Mode (video data is input
The ADV601LC completely manages the generation and
These pins are used to control the
to the chip)
timing of these pins. The device driving the ADV601LC
blanking of video and sequencing.
video interface must use these outputs to remain in
sync with the ADV601LC. It is expected that this com-
bination of modes would not be used frequently.
Decode Mode (video data is output
The ADV601LC completely manages the generation
These pins are used to control the
from the chip)
and timing of these pins.
blanking of video and sequencing.
Video Formats—References
For more information on video interface standards, see the
following reference texts.
• For the definition of CCIR-601:
1992 – CCIR Recommendations RBT series Broadcasting Service
(Television) Rec. 601-3 Encoding Parameters of digital television
for studios, page 35, September 15, 1992.
• For the definition of CCIR-656:
1992 – CCIR Recommendations RBT series Broadcasting Service
(Television) Rec. 656-1 Interfaces for digital component video
signals in 525 and 626 line television systems operating at the
4:2:2 level of Rec. 601, page 46, September 15, 1992.
Host Interface
The ADV601LC host interface is a high performance interface
that passes all command and real-time compressed video data
between the host and codec. A 512 position by 32-bit wide,
bidirectional FIFO buffer passes compressed video data to and
from the host. The host interface is capable of burst transfer
rates of up to 132 million bytes per second (4
× 33 MHz). For
host interface pins descriptions, see the Pin Function Descriptions
section. For host interface timing information, see the Host Interface
Timing section.
DRAM Manager
The DRAM Manager provides a sorting and reordering func-
tion on the sub-band coded data between the Wavelet Kernel
and the Programmable Quantizer. The DRAM manager pro-
vides a pipeline delay stage to the ADV601LC. This pipeline
lets the ADV601LC extract current field image statistics (min/
max pixel values, sum of pixel values, and sum of squares) used
in the calculation of Bin Widths and re-order wavelet transform
data. The use of current field statistics in the Bin Width calcu-
lation results in precise control over the compressed bit rate.
The DRAM manager manages the entire operation and refresh of
the DRAM.
The interface between the ADV601LC DRAM manager and
DRAM is designed to be transparent to the user. The ADV601LC
DRAM pins should be connected to the DRAM as called out in
the Pin Function Descriptions section. The ADV601LC re-
quires one 256K word by 16-bit, 60 ns DRAM. The following
is a selected list of manufacturers and part numbers. All parts
can be used with the ADV601LC at all VCLK rates except
where noted. Any DRAM used with the ADV601LC must
meet the minimum specifications outlined for the Hyper Mode
DRAMs listed in Table XI. For DRAM Interface pins descrip-
tions, see the Pin Function Descriptions.
Table XI. ADV601LC Compatible DRAMs
Manufacturer
Part Number
Notes
Toshiba
TC514265DJ/DZ/DFT-60
None
NEC
µPD424210ALE-60
None
NEC
µPD42S4210ALE-60
CBR Self Refresh
feature of this prod-
uct is not needed by
the ADV601LC.
Hitachi
HM514265CJ-60
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com