Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SS30 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2SS30
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SS30 Datasheet(HTML) 1 Page - Rectron Semiconductor

  2SS30 Datasheet HTML 1Page - Rectron Semiconductor 2SS30 Datasheet HTML 2Page - Rectron Semiconductor 2SS30 Datasheet HTML 3Page - Rectron Semiconductor 2SS30 Datasheet HTML 4Page - Rectron Semiconductor 2SS30 Datasheet HTML 5Page - Rectron Semiconductor 2SS30 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2SS20
THRU
2SS60
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
* Low power loss, high efficiency
* Low leakage
* Low forward voltage drop
* High current capability
* High speed switching
* High surge capabitity
* High reliability
* Guard ring construction on dic
* Anti-ESD
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
* Weight: 0.01 gram (Approx.)
* Flat lead frame
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current @ TA=75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
25
Amps
0
C
Storage Temperature Range
IO
150
Operating Temperature Range
TJ
2SS30
30
21
30
2SS20
20
14
20
2SS40
2SS30
2SS20
2SS40
40
28
40
2SS50
50
35
50
2SS60
2SS50
2SS60
60
42
60
-55 to + 150
0
C
Total Capacitance (Note 1)
CT
75
pF
Typical Thermal Resistance (Note 3)
Rq JA
R q JL
110
0
C/W
3
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
0.2
2
@TA = 25oC
@TA = 100 oC
0.55
0.70
mAmps
UNITS
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4 Volts.
2007-08
2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
3. Thermal Resistance: Mounted on PCB.
SOD-123F
Dimensions in inches and (millimeters)
.150 (3.8)
.142 (3.6)
.035 (0.90)
.028 (0.70)
.053 (1.35)
.047 (1.20)
.077 (1.95)
.069 (1.75)
.030 (0.75)
.022 (0.55)
.008 (0.20)
.114 (2.9)
.106 (2.7)


Similar Part No. - 2SS30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2SS30L RECTRON-2SS30L Datasheet
716Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
2SS30LV RECTRON-2SS30LV Datasheet
716Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
2SS30V RECTRON-2SS30V Datasheet
279Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 2SS30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK22 PANJIT-SK22 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
SK22 SURGE-SK22 Datasheet
84Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
logo
Rectron Semiconductor
FM220 RECTRON-FM220 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes)
ISR2020C RECTRON-ISR2020C Datasheet
30Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 20 Amperes)
FM320B RECTRON-FM320B Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
FM220C RECTRON-FM220C Datasheet
34Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Ampere
logo
List of Unclassifed Man...
SSM22LLPT ETC2-SSM22LLPT Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
FM320A RECTRON-FM320A Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes
logo
List of Unclassifed Man...
SSM22LPT ETC2-SSM22LPT Datasheet
81Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L Datasheet
292Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 20 Volts CURRENT 2.0 Amperes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com