Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SS50 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 2SS50
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SS50 Datasheet(HTML) 2 Page - Rectron Semiconductor

  2SS50 Datasheet HTML 1Page - Rectron Semiconductor 2SS50 Datasheet HTML 2Page - Rectron Semiconductor 2SS50 Datasheet HTML 3Page - Rectron Semiconductor 2SS50 Datasheet HTML 4Page - Rectron Semiconductor 2SS50 Datasheet HTML 5Page - Rectron Semiconductor 2SS50 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
AMBIENT TEMPERATURE, (
OC)
0
0.01
0.1
1
10
0
0.5
1.0
1.5
2.0
0.8
0.6
0.2 0.4
1.0
1.8
1.6
1.2 1.4
2.0
175
150
125
100
75
50
25
0
RATING AND CHARACTERISTICS CURVES ( 2SS20 THRU 2SS60 )
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Single
Half Wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
TA = 25 OC
Pulse Width = 300mS
1% Duty Cycle
REVERSE VOLTAGE, (V)
0
0
1000
100
10
10000
100000
15
5
10
20
FIG.4 TYPICAL TOTAL CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
0
10
5
15
25
20
8
6
2
4
10
20 40
80 100
FIG.5 TYPICAL REVERSE CHARACTERISTICS
8.3mS Single Half Sine-Wave
JEDEC Method
0
20
0.001
0.1
0.01
1.0
10
100
100
120
40
60
80
140
2SS20~2SS40
2SS50~2SS60
TA = 100 OC
TA = 25 OC
TA = 75 OC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com